Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2001D1 Datasheet (PDF) - Texas Instruments

TPA2001D1 Datasheet PDF - Texas Instruments
Part # TPA2001D1
Download  TPA2001D1 Download
File Size   429.48 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER

TPA2001D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA2001D1 Datasheet PDF - Texas Instruments

Part # TPA2001D1
Download  TPA2001D1 Click to download

File Size   429.48 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER

TPA2001D1 Datasheet (HTML) - Texas Instruments


TPA2001D1 Product details

Modulation Scheme Optimized to Operate
Without a Filter
TSSOP Package Options
1 W Into an 8-Ω Speaker (THD+N<1%)
<0.2% THD+N at 1 W, 1 kHz, Into an
8-Ω Load
Extremely Efficient Third Generation 5-V
Class-D Technology:
– Low-Supply Current (No Filter) . . . 4 mA
– Low-Supply Current (Filter) . . . 7.5 mA
– Low-Shutdown Current . . . 0.05 μA
– Low-Noise Floor . . . 40 μVRMS
(No-Weighting Filter)
– Maximum Efficiency Into 8 Ω, 75 – 85%
– 4 Internal Gain Settings . . . 6 – 23.5 dB
– PSRR . . . –77 dB
Integrated Depop Circuitry
Short-Circuit Protection (Short to Battery,
Ground, and Load)

description
The TPA2001D1 is a 1-W mono bridge-tied-load (BTL) class-D amplifier designed to drive a speaker with at
least 8-Ω impedance. The amplifier uses TI’s third generation modulation technique, which results in improved
efficiency and SNR. It also allows the device to be connected directly to the speaker without the use of the LC
output filter commonly associated with class-D amplifiers (this results in EMI which must be shielded at the
system level). These features make the device ideal for use in devices where high-efficiency is needed to extend
battery run time.
The gain of the amplifier is controlled by two input terminals, GAIN1, and GAIN0. This allows the amplifier to
be configured for a gain of 6, 12, 18, and 23.5 dB. The differential input terminals are high-impedance CMOS
inputs, and can be used as summing nodes.
The class-D BTL amplifier includes depop circuitry to reduce the amount of turnon pop at power up, and when
cycling SHUTDOWN.
The TPA2001D1 is available in the 16-pin TSSOP package that drives 1 W of continuous output power into an
8-Ω load. TPA2001D1 operates over an ambient temperature range of –40°C to 85°C.




Similar Part No. - TPA2001D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
220Kb / 15P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1PW TI-TPA2001D1PW Datasheet
189Kb / 13P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1PW TI-TPA2001D1PW Datasheet
220Kb / 15P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1PWG4 TI-TPA2001D1PWG4 Datasheet
220Kb / 15P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Similar Description - TPA2001D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
3.3 W Mono Filterless Class D Audio power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com