Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D1 Datasheet (PDF) - Texas Instruments

TPA2000D1 Datasheet PDF - Texas Instruments
Part # TPA2000D1
Download  TPA2000D1 Download
File Size   452.46 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER

TPA2000D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA2000D1 Datasheet PDF - Texas Instruments

Part # TPA2000D1
Download  TPA2000D1 Click to download

File Size   452.46 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER

TPA2000D1 Datasheet (HTML) - Texas Instruments


TPA2000D1 Product details

1FEATURES
2· Qualified for Automotive Applications
· ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
· Modulation Scheme Optimized to Operate
Without a Filter
· Extremely Efficient Third-Generation 5-V
Class-D Technology:
– Low Supply Current (No Filter) . . . 4 mA
– Low Supply Current (Filter) . . . 7.5 mA
– Low Shutdown Current . . . 0.05 mA
– Low-Noise Floor . . . 40 mVRMS
(No-Weighting Filter)
– Maximum Efficiency Into 8 Ω, 75 – 85%
– Four Internal Gain Settings . . . 6 – 23.5 dB
– PSSR . . . –77 dB
· 4 mm × 4 mm MicroStar™ Junior BGA and
TSSOP Package Options
· 2 W Into a 4-Ω Speaker (THD+N<1%)
· <0.2% THD+N at 1.5 W, 1 kHz, Into a 4-Ω Load
· Integrated Depop Circuitry
· Short-Circuit Protection (Short to PVDD,
Ground, and Load)

DESCRIPTION/ORDERING INFORMATION
The TPA2000D1 is a 2-W mono bridge-tied-load (BTL) class-D amplifier designed to drive a speaker with at least
4-Ω impedance. The amplifier uses Texas Instruments third-generation modulation technique, which results in
improved efficiency and SNR. It also allows the device to be connected directly to the speaker without the use of
the LC output filter commonly associated with class-D amplifiers (this results in EMI which must be shielded at
the system level). These features make the device ideal for use in devices where high efficiency is needed to
extend battery run time.
The gain of the amplifier is controlled by two input terminals, GAIN1 and GAIN0. This allows the amplifier to be
configured for a gain of 6, 12, 18, and 23.5 dB. The differential input terminals are high-impedance CMOS inputs
and can be used as summing nodes.
The class-D BTL amplifier includes depop circuitry to reduce the amount of turnon pop at power up and when
cycling SHUTDOWN.
The TPA2000D1 is available in the 16-pin TSSOP and MicroStar™ Junior BGA packages and drive 2 W of
continuous output power into a 4-Ω load. The TPA2000D1T operates over an ambient temperature range of
–40°C to 105°C.




Similar Part No. - TPA2000D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1 Datasheet
797Kb / 22P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI2-TPA2000D1 Datasheet
475Kb / 25P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
REVISED MARCH 2004
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
797Kb / 22P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Similar Description - TPA2000D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_06 Datasheet
267Kb / 20P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
3.3 W Mono Filterless Class D Audio power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com