Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA4860 Datasheet (PDF) - Texas Instruments

TPA4860 Datasheet PDF - Texas Instruments
Part # TPA4860
Download  TPA4860 Download
File Size   528.6 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-W MONO AUDIO POWER AMPLIFIER

TPA4860 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA4860 Datasheet PDF - Texas Instruments

Part # TPA4860
Download  TPA4860 Click to download

File Size   528.6 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-W MONO AUDIO POWER AMPLIFIER

TPA4860 Datasheet (HTML) - Texas Instruments


TPA4860 Product details

FEATURES
· 1-W BTL Output (5 V, 0.2 % THD+N)
· 3.3-V and 5-V Operation
· No Output Coupling Capacitors Required
· Shutdown Control (IDD = 0.6 μA)
· Headphone Interface Logic
· Uncompensated Gains of 2 to 20 (BTL Mode)
· Surface-Mount Packaging
· Thermal and Short-Circuit Protection
· High Power Supply Rejection(56-dB at 1 kHz)
· LM4860 Drop-In Compatible

DESCRIPTION
The TPA4860 is a bridge-tied load (BTL) audio power amplifier capable of delivering 1 W of continuous average
power into an 8-W load at 0.4 % THD+N from a 5-V power supply in voiceband frequencies (f < 5 kHz). A BTL
configuration eliminates the need for external coupling capacitors on the output in most applications. Gain is
externally configured by means of two resistors and does not require compensation for settings of 2 to 20.
Features of this amplifier are a shutdown function for power-sensitive applications as well as headphone
interface logic that mutes the output when the speaker drive is not required. Internal thermal and short-circuit
protection increases device reliability. It also includes headphone interface logic circuitry to facilitate headphone
applications. The amplifier is available in a 16-pin SOIC surface-mount package that reduces board space and
facilitates automated assembly.




Similar Part No. - TPA4860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
442Kb / 24P
1-W MONO AUDIO POWER AMPLIFIER
TPA4860D TI-TPA4860D Datasheet
430Kb / 25P
1-W MONO AUDIO POWER AMPLIFIER
TPA4860D TI-TPA4860D Datasheet
442Kb / 24P
1-W MONO AUDIO POWER AMPLIFIER
TPA4860DR TI-TPA4860DR Datasheet
442Kb / 24P
1-W MONO AUDIO POWER AMPLIFIER
More results


Similar Description - TPA4860

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
2-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
1-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
1-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
1-W MONO AUDIO POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com