Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA4861DR Datasheet (PDF) - Texas Instruments

TPA4861DR Datasheet PDF - Texas Instruments
Part # TPA4861DR
Download  TPA4861DR Download
File Size   661.09 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-W MONO AUDIO POWER AMPLIFIER

TPA4861DR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA4861DR Datasheet PDF - Texas Instruments

Part # TPA4861DR
Download  TPA4861DR Click to download

File Size   661.09 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-W MONO AUDIO POWER AMPLIFIER

TPA4861DR Datasheet (HTML) - Texas Instruments


TPA4861DR Product details

FEATURES
· 1-W BTL Output (5 V, 0.11 % THD+N)
· 3.3-V and 5-V Operation
· No Output Coupling Capacitors Required
· Shutdown Control (IDD = 0.6 μA)
· Uncompensated Gains of 2 to 20 (BTL Mode)
· Surface-Mount Packaging
· Thermal and Short-Circuit Protection
· High Supply Ripple Rejection Ratio (56 dB at
1 kHz)
· LM4861 Drop-In Compatible

DESCRIPTION
The TPA4861 is a bridge-tied load (BTL) audio power amplifier capable of delivering 1 W of continuous average
power into an 8-W load at 0.2% THD+N from a 5-V power supply in voiceband frequencies (f < 5 kHz). A BTL
configuration eliminates the need for external coupling capacitors on the output in most applications. Gain is
externally configured by means of two resistors and does not require compensation for settings of 2 to 20.
Features of the amplifier are a shutdown function for power-sensitive applications as well as internal thermal and
short-circuit protection. The TPA4861 works seamlessly with TI's TPA4860 in stereo applications. The amplifier
is available in an 8-pin SOIC surface-mount package that reduces board space and facilitates automated
assembly.




Similar Part No. - TPA4861DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4861DR TI-TPA4861DR Datasheet
486Kb / 23P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861DRG4 TI-TPA4861DRG4 Datasheet
486Kb / 23P
1-W MONO AUDIO POWER AMPLIFIER
More results


Similar Description - TPA4861DR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
2-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
1-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
1-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
1-W MONO AUDIO POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com