Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2E007 Datasheet (PDF) - Texas Instruments

TPD2E007 Datasheet PDF - Texas Instruments
Part # TPD2E007
Download  TPD2E007 Download
File Size   497.05 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD2E007 2-Channel ESD Protection Array for AC-Coupled/Negative-Rail Data Interfaces

TPD2E007 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD2E007 Datasheet PDF - Texas Instruments

Part # TPD2E007
Download  TPD2E007 Click to download

File Size   497.05 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD2E007 2-Channel ESD Protection Array for AC-Coupled/Negative-Rail Data Interfaces

TPD2E007 Datasheet (HTML) - Texas Instruments


TPD2E007 Product details

1 Features
1• IEC 61000-4-2 Level 4 ESD Protection
– ±8-kV IEC 61000-4-2 Contact Discharge
– ±15-kV IEC 61000-4-2 Air-Gap Discharge
• IEC 61000-4-5 Surge Protection
– 4.5-A Peak Pulse Current (8/20-μs Pulse)
• IO Capacitance 15 pF (Max)
• Low 50-nA Leakage Current
• Space-Saving PicoStar™ and SOT Package

2 Applications
• Cell Phones
• Audio Interface Connections
• Consumer Electronics (DVR, Set-Top Box, TV)
• Industrial Interfaces (RS-232, RS-485, RS-422,
LVDS)

3 Description
This device is a transient voltage suppressor (TVS)
based electrostatic discharge (ESD) protection device
designed to offer system level ESD solutions for wide
range of portable and industrial applications. The
back-to-back diode array allows AC-coupled or
negative-going data transmission (audio interface,
LVDS, RS-485, RS-232, and so forth) without
compromising signal integrity. This device exceeds
the IEC 61000-4-2 (Level 4) ESD protection and is
ideal for providing system level ESD protection for the
internal ICs when placed near the connector.
The TPD2E007 is offered in a 4-bump PicoStar and
3-pin SOT (DGK) packages. The PicoStar package
(YFM), with only 0.15 mm (Max) package height, is
recommended for ultra space saving application
where the package height is a key concern. The
PicoStar package can be used in either embedded
PCB board applications or in surface mount
applications. The industry standard SOT package
offers straightforward board layout option in legacy
designs.




Similar Part No. - TPD2E007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E007 TI-TPD2E007 Datasheet
427Kb / 9P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007 Datasheet
377Kb / 10P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007 TI1-TPD2E007 Datasheet
758Kb / 12P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007DCKR TI-TPD2E007DCKR Datasheet
427Kb / 9P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007DCKR TI1-TPD2E007DCKR Datasheet
377Kb / 10P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
More results


Similar Description - TPD2E007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004 Datasheet
422Kb / 12P
4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E007 TI-TPD2E007 Datasheet
427Kb / 9P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD4E004 TI-TPD4E004_1 Datasheet
366Kb / 11P
4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004_2 Datasheet
185Kb / 9P
4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E007 TI1-TPD2E007_10 Datasheet
377Kb / 10P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007 TI1-TPD2E007_13 Datasheet
756Kb / 11P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_14 Datasheet
758Kb / 12P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_16 Datasheet
827Kb / 16P
2-Channel ESD-Protection Array for AC-Coupled/Negative-Rail Data Interfaces
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com