Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD6E001 Datasheet (PDF) - Texas Instruments

TPD6E001 Datasheet PDF - Texas Instruments
Part # TPD6E001
Download  TPD6E001 Download
File Size   694.91 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD6E001 Low-Capacitance 6-Channel ESD-Protection for High-Speed Data Interfaces

TPD6E001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD6E001 Datasheet PDF - Texas Instruments

Part # TPD6E001
Download  TPD6E001 Click to download

File Size   694.91 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD6E001 Low-Capacitance 6-Channel ESD-Protection for High-Speed Data Interfaces

TPD6E001 Datasheet (HTML) - Texas Instruments


TPD6E001 Product details

1 Features
1• IEC 61000-4-2 Level 4 ESD Protection
– ±8-kV IEC 61000-4-2 Contact Discharge
– ±15-kV IEC 61000-4-2 Air-Gap Discharge
• I/O Capacitance: 1.5-pF (Typical)
• Low Leakage Current: 1-nA (Maximum)
• Low Supply Current: 1-nA (Typical)
• 0.9-V to 5.5-V Supply-Voltage Range
• Space-Saving RSE and RSF Package Options
• Alternate 2-, 3-, 4-Channel Options Available:
TPD2E2U06, TPD3E001, and TPD4E1U06

2 Applications
• End Equipments
– Portable Data Terminal
– Industrial Monitor
– IP Camera
– Blood Glucose Meters
• Interfaces
– SDIO
– Precision Analog Interface
– SVGA Connections
– USB 2.0

3 Description
The TPD6E001 is a six-channel Transient Voltage
Suppressor (TVS) based Electrostatic Discharge (ESD) protection diode array. The TPD6E001 is rated
to dissipate ESD strikes at the maximum level
specified in the IEC 61000-4-2 international standard
(Level 4). This device has a 1.5-pF IO capacitance per channel, making it ideal for use in high-speed
data IO interfaces. The ultra low leakage current
(<1 nA max) is suitable for precision analog
measurements in applications like glucose meters
and heart rate monitors.
The TPD6E001 is available in space saving RSE
(UQFN) and RSF (WQFN) packages and is specified
for –40°C to 85°C operation. Also see TPD2E2U06, TPD3E001, and TPD4E1U06 which are 2, 3, and 4
channel ESD protection options, respectively, for
ESD protection diode arrays with a different number
of channels. The TPD2E2U06 provides a higher level of IEC ESD protection, when compared to the
TPDxE001 family, and removes the need for an input
capacitor. The TPD4E1U06 removes the need for an
input capacitor, provides higher IEC ESD protection,
and provides lower capacitance, when compared to
the TPDxE001 family.




Similar Part No. - TPD6E001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD6E001 TI-TPD6E001 Datasheet
702Kb / 14P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001 TI-TPD6E001 Datasheet
663Kb / 14P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001 TI-TPD6E001 Datasheet
501Kb / 12P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001RSER TI-TPD6E001RSER Datasheet
702Kb / 14P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001RSER TI-TPD6E001RSER Datasheet
663Kb / 14P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Similar Description - TPD6E001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
03-Jun-03
logo
Texas Instruments
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
logo
AMAZING Microelectronic...
AZ1015-02S AMAZING-AZ1015-02S Datasheet
168Kb / 10P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/06/18
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com