Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC2810 Datasheet (PDF) - Texas Instruments

TPIC2810 Datasheet PDF - Texas Instruments
Part # TPIC2810
Download  TPIC2810 Download
File Size   408.53 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT LED DRIVER WITH I2C INTERFACE

TPIC2810 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC2810 Datasheet PDF - Texas Instruments

Part # TPIC2810
Download  TPIC2810 Click to download

File Size   408.53 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT LED DRIVER WITH I2C INTERFACE

TPIC2810 Datasheet (HTML) - Texas Instruments


TPIC2810 Product details

Low rDS(on) . . . 5 Ω Typical
Eight Power DMOS Transistor Outputs of
100-mA Continuous Current
210-mA Current Limit Capability
Drain Output ESD Protection . . . 3000 V
Output Clamp Voltage . . . 40 V

description
The TPIC2810 device is a monolithic, mediumvoltage,
low-current, 8-bit shift register design to
drive low-side switched resistive loads such as
LEDs. The device is not recommended for
switching inductive loads.
This device contains an 8-bit, serial-in, parallel-out shift register that feeds an 8-bit D-type storage register. Data
transfers through the shift register via an I2C bus interface. Data is transferred into the data shift register only
after the group ID and device address have been verified. The subaddress directs the I2C bus interface to read
or write data to the device or transfer data to the output. When output enable (G) is held high, all drain outputs
are off. When G is held low, data from the output storage register is transparent to the output buffers. When data
in the output buffers is low, the DMOS transistor outputs are off. When data is high, the DMOS transistor outputs
have sink-current capability.
The TPIC2810 device has an internal power-up clear to initialize all registers to an off state when power is
applied to the device. It also has a thermal sensor to monitor the die temperature and shut the drain outputs
off, if an over current condition occurs.
Outputs are low-side, open-drain DMOS transistors with output ratings of 40 V and 100 mA continuous
sink-current capability. Each output provides a 210-mA maximum current limit at TC = 25°C. The current limit
decreases as the junction temperature increases for additional device protection. The device also provides up
to 3000 V of ESD protection on output terminals and 2000 V of ESD protection on input terminals when tested
using the human-body model.
The TPIC2810 device is characterized for operation over the operating case temperature range of −40°C to
125°C.




Similar Part No. - TPIC2810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
8-BIT LED DRIVER WITH I2C INTERFACE
TPIC2810 TI1-TPIC2810 Datasheet
880Kb / 23P
8-BIT LED DRIVER WITH 12C INTERFACE
TPIC2810D TI1-TPIC2810D Datasheet
880Kb / 23P
8-BIT LED DRIVER WITH 12C INTERFACE
TPIC2810DG4 TI1-TPIC2810DG4 Datasheet
880Kb / 23P
8-BIT LED DRIVER WITH 12C INTERFACE
TPIC2810DR TI1-TPIC2810DR Datasheet
880Kb / 23P
8-BIT LED DRIVER WITH 12C INTERFACE
More results


Similar Description - TPIC2810

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9551 PHILIPS-PCA9551 Datasheet
161Kb / 21P
8-bit I2C LED driver with programmable blink rates
2004 Oct 01
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
8-BIT LED DRIVER WITH I2C INTERFACE
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
logo
Silicon Touch Technolog...
11-MD118A SITI-11-MD118A Datasheet
515Kb / 20P
8-BIT DAC VCM Driver with I2C Interface
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
8-BIT DAC VCM Driver with I2C Interface
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
8-BIT FM I2C BUS LED DRIVER
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
8-BIT FM I2C BUS LED DRIVER
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Texas Instruments
TPIC2810 TI1-TPIC2810_15 Datasheet
880Kb / 23P
8-BIT LED DRIVER WITH 12C INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com