Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC44H01 Datasheet (PDF) - Texas Instruments

TPIC44H01 Datasheet PDF - Texas Instruments
Part # TPIC44H01
Download  TPIC44H01 Download
File Size   533.4 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER

TPIC44H01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC44H01 Datasheet PDF - Texas Instruments

Part # TPIC44H01
Download  TPIC44H01 Click to download

File Size   533.4 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER

TPIC44H01 Datasheet (HTML) - Texas Instruments


TPIC44H01 Product details

Serial or Parallel Control of Gate Outputs
Sleep State for Low Quiescent Current
Independent On-State Source
Short-to-Ground (Shorted-Load)
Detection/Protection
Independent On-State Over-Current
Detection/Protection With Dynamic Fault
Threshold
Independent Off-State Open-Load
Detection
Supply Over-Voltage Lockout Protection
Asynchronous Open-Drain Fault Interrupt
Terminal to Flag Fault Conditions. Output
Can be OR’ed With Multiple Devices
Encoded Fault Status Reporting Through
Serial Output Terminal (2-Bits Per Channel)
Programmable On-State Fault Deglitch
Timers
High Impedance CMOS Compatible Inputs
With Hysteresis
Fault Mode Selection: Outputs Latched Off
or Switched at Low Duty Cycle
Device Can be Cascaded With Serial
Interface

description
The TPIC44H01 is a four channel high-side pre-FET driver which provides serial or parallel input interface to
control four external NMOS power FETs. It is designed for use in low frequency switching applications for
resistive or inductive loads, including solenoids and incandescent bulbs.
Each channel has over-current, short-to-ground, and open-load detection that is flagged through the FLT pin
and distinguished through the serial interface. Over-current thresholds are set through the V(PK_x) and
V(COMP1-4) pins. Short-to-ground and open-load thresholds are set internally to approximately 2.5 V. The
AR_ENBL pin is used to define the operation of the device during a fault condition, allowing the outputs to either
latch off or to enter a low duty cycle, auto-retry mode. An over-voltage lockout circuit on V(PWR) protects the
device and the external FETs. A low current sleep state mode is provided to allow the TPIC44H01 to be used
in applications where V(PWR) is connected directly to the battery. An internal charge pump allows the use of
N-channel FETs for high-side drive applications, while current-limit gate drive provides slope control for reduced
RFI.
By having the unique ability to develop a dynamic over-current threshold, the TPIC44H01 can be used to drive
incandescent bulbs with long inrush currents without falsely flagging a fault. Likewise, the user can select an
internally set over-current threshold of ~1.25 V by pulling the respective V(COMP1-4) pin to VCC.
The 8-bit serial peripheral interface (SPI) allows the user to command any of the four outputs on or off, to
program one of eight possible open-load, over-current, and short-load fault deglitch timer settings, and to
engage the sleep state. Data is clocked into the SDI pin on the rising edge of SCLK and clocked out of the SDO
pin on the SCLK falling edge. The serial input bits are logic OR’ed with the IN1-IN4 parallel inputs pins. The serial
interface is also used to read normal-load, open-load, over-current, and short-to-ground conditions for each
channel. Over-voltage lockout can be detected when the FLT pin is low and no bits are set in the SDO register.
Multiple TPIC44H01 devices may be cascaded together using the serial interface to further reduce I/O lines from
the host controller.




Similar Part No. - TPIC44H01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01 TI1-TPIC44H01 Datasheet
982Kb / 32P
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01DA TI-TPIC44H01DA Datasheet
402Kb / 28P
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01DA TI1-TPIC44H01DA Datasheet
982Kb / 32P
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01DAG4 TI1-TPIC44H01DAG4 Datasheet
982Kb / 32P
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
More results


Similar Description - TPIC44H01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
Jul-2003
logo
Texas Instruments
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01 TI-TPIC46L01 Datasheet
255Kb / 19P
6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
Automotive, Low-Side FET Pre-Driver
logo
Texas Instruments
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
UC3725N TI-UC3725N Datasheet
247Kb / 5P
Isolated High Side FET Driver
logo
Allegro MicroSystems
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
Automotive, Low-Side FET Pre-Driver
logo
Texas Instruments
TPIC44H01 TI1-TPIC44H01_15 Datasheet
982Kb / 32P
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com