Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC6273 Datasheet (PDF) - Texas Instruments

TPIC6273 Datasheet PDF - Texas Instruments
Part # TPIC6273
Download  TPIC6273 Download
File Size   665.83 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description POWER LOGIC OCTAL D-TYPE LATCH

TPIC6273 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC6273 Datasheet PDF - Texas Instruments

Part # TPIC6273
Download  TPIC6273 Click to download

File Size   665.83 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description POWER LOGIC OCTAL D-TYPE LATCH

TPIC6273 Datasheet (HTML) - Texas Instruments


TPIC6273 Product details

Low rDS(on) . . . 1.3 W Typ
Avalanche Energy . . . 75 mJ
Eight Power DMOS Transistor Outputs of
250-mA Continuous Current
1.5-A Pulsed Current Per Output
Output Clamp Voltage up to 45 V
Low Power Consumption

description
The TPIC6273 is a monolithic high-voltage
high-current power logic octal D-type latch with
DMOS transistor outputs designed for use in
systems that require relatively high load power.
The device contains a built-in voltage clamp on the
outputs for inductive transient protection. Power
driver applications include relays, solenoids, and
other medium-current or high-voltage loads.
The TPIC6273 contains eight positive-edgetriggered
D-type flip-flops with a direct clear input.
Each flip-flop features an open-drain power
DMOS transistor output.
When clear (CLR) is high, information at the D
inputs meeting the setup time requirements is
transferred to the DRAIN outputs on the positivegoing
edge of the clock pulse. Clock triggering
occurs at a particular voltage level and is not
directly related to the transition time of the
positive-going pulse. When the clock input (CLK)
is at either the high or low level, the D input signal
has no effect at the output. An asynchronous CLR
is provided to turn all eight DMOS-transistor
outputs off.
The TPIC6273 is characterized for operation over
the operating case temperature range of –40°C
to 125°C.




Similar Part No. - TPIC6273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6273 TI-TPIC6273 Datasheet
143Kb / 9P
POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DW TI-TPIC6273DW Datasheet
143Kb / 9P
POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DW TI1-TPIC6273DW Datasheet
868Kb / 15P
POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWG4 TI1-TPIC6273DWG4 Datasheet
868Kb / 15P
POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWR TI1-TPIC6273DWR Datasheet
868Kb / 15P
POWER LOGIC OCTAL D-TYPE LATCH
More results


Similar Description - TPIC6273

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
Octal D-Type Latch Octal D-Type Flip-Flop
logo
Texas Instruments
TPIC6273 TI-TPIC6273 Datasheet
143Kb / 9P
POWER LOGIC OCTAL D-TYPE LATCH
TPIC6B273 TI-TPIC6B273 Datasheet
130Kb / 9P
POWER LOGIC OCTAL D-TYPE LATCH
SN74LVC573A-Q1 TI-SN74LVC573A-Q1 Datasheet
202Kb / 8P
OCTAL TRANSPARENT D-TYPE LATCH
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
logo
Texas Instruments
TPIC6273DWRG4 TI-TPIC6273DWRG4 Datasheet
868Kb / 15P
POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI1-TPIC6273DWRG4 Datasheet
868Kb / 15P
POWER LOGIC OCTAL D-TYPE LATCH
logo
Unisonic Technologies
U74HC373 UTC-U74HC373 Datasheet
214Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH
U74HC373 UTC-U74HC373_15 Datasheet
269Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com