Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC6B273 Datasheet (PDF) - Texas Instruments

TPIC6B273 Datasheet PDF - Texas Instruments
Part # TPIC6B273
Download  TPIC6B273 Download
File Size   660.88 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description POWER LOGIC OCTAL D-TYPE LATCH

TPIC6B273 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC6B273 Datasheet PDF - Texas Instruments

Part # TPIC6B273
Download  TPIC6B273 Click to download

File Size   660.88 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description POWER LOGIC OCTAL D-TYPE LATCH

TPIC6B273 Datasheet (HTML) - Texas Instruments


TPIC6B273 Product details

Low rDS(on) . . . 5 W Typical
Avalanche Energy . . . 30 mJ
Eight Power DMOS-Transistor Outputs of
150-mA Continuous Current
500-mA Typical Current-Limiting Capability
Output Clamp Voltage . . . 50 V
Low Power Consumption

description
The TPIC6B273 is a monolithic, high-voltage,
medium-current, power logic octal D-type latch
with DMOS-transistor outputs designed for use in
systems that require relatively high load power.
The device contains a built-in voltage clamp on
the outputs for inductive transient protection.
Power driver applications include relays, solenoids,
and other medium-current or high-voltage
loads.
The TPIC6B273 contains eight positive-edgetriggered
D-type flip-flops with a direct clear input.
Each flip-flop features an open-drain power
DMOS-transistor output.
When clear (CLR) is high, information at the D
inputs meeting the setup time requirements is
transferred to the DRAIN outputs on the positivegoing
edge of the clock (CLK) pulse. Clock
triggering occurs at a particular voltage level and
is not directly related to the transition time of the
positive-going pulse. When the clock input (CLK)
is at either the high or low level, the D input signal
has no effect at the output. An asynchronous CLR
is provided to turn all eight DMOS-transistor
outputs off. When data is low for a given output,
the DMOS-transistor output is off. When data is
high, the DMOS-transistor output has sink-current
capability.
Outputs are low-side, open-drain DMOS
transistors with output ratings of 50 V and 150-mA
continuous sink-current capability. Each output
provides a 500-mA typical current limit at
TC = 25°C. The current limit decreases as the
junction temperature increases for additional
device protection.
The TPIC6B273 is characterized for operation over the operating case temperature range of –40°C to 125°C.




Similar Part No. - TPIC6B273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6B273 TI-TPIC6B273 Datasheet
130Kb / 9P
POWER LOGIC OCTAL D-TYPE LATCH
TPIC6B273 TI1-TPIC6B273 Datasheet
863Kb / 15P
Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
TPIC6B273DW TI-TPIC6B273DW Datasheet
130Kb / 9P
POWER LOGIC OCTAL D-TYPE LATCH
TPIC6B273DW TI1-TPIC6B273DW Datasheet
863Kb / 15P
Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
TPIC6B273DWG4 TI1-TPIC6B273DWG4 Datasheet
863Kb / 15P
Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
More results


Similar Description - TPIC6B273

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
Octal D-Type Latch Octal D-Type Flip-Flop
logo
Texas Instruments
TPIC6273 TI-TPIC6273 Datasheet
143Kb / 9P
POWER LOGIC OCTAL D-TYPE LATCH
TPIC6B273 TI-TPIC6B273 Datasheet
130Kb / 9P
POWER LOGIC OCTAL D-TYPE LATCH
SN74LVC573A-Q1 TI-SN74LVC573A-Q1 Datasheet
202Kb / 8P
OCTAL TRANSPARENT D-TYPE LATCH
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
logo
Texas Instruments
TPIC6273DWRG4 TI-TPIC6273DWRG4 Datasheet
868Kb / 15P
POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI1-TPIC6273DWRG4 Datasheet
868Kb / 15P
POWER LOGIC OCTAL D-TYPE LATCH
logo
Unisonic Technologies
U74HC373 UTC-U74HC373 Datasheet
214Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH
U74HC373 UTC-U74HC373_15 Datasheet
269Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com