Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC6C596 Datasheet (PDF) - Texas Instruments

TPIC6C596 Datasheet PDF - Texas Instruments
Part # TPIC6C596
Download  TPIC6C596 Download
File Size   757.02 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPIC6C596 Power Logic 8-Bit Shift Register

TPIC6C596 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC6C596 Datasheet PDF - Texas Instruments

Part # TPIC6C596
Download  TPIC6C596 Click to download

File Size   757.02 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPIC6C596 Power Logic 8-Bit Shift Register

TPIC6C596 Datasheet (HTML) - Texas Instruments


TPIC6C596 Product details

1 Features
1• Low RDS(on), 7 Ω (Typical)
• Avalanche Energy, 30 mJ
• Eight Power DMOS Transistor Outputs of 100-mA
Continuous Current
• 250-mA Current Limit Capability
• ESD Protection, 2500 V
• Output Clamp Voltage, 33 V
• Enhanced Cascading for Multiple Stages
• All Registers Cleared With Single Input
• Low Power Consumption

2 Applications
• Instrumentation Clusters
• Tell-Tale Lamps
• LED Illumination and Controls
• Automotive Relay or Solenoids Drivers

3 Description
The TPIC6C596 device is a monolithic, medium-
voltage, low-current, 8-bit shift register designed for use in systems that require relatively moderate load
power such as LEDs. The device contains a built-in
voltage clamp on the outputs for inductive transient
protection. Power driver applications include relays,
solenoids, and other low-current or medium-voltage loads.
This device contains an 8-bit serial-in, parallel-out shift register that feeds an 8-bit D-type storage
register. Data transfers through both the shift and
storage registers on the rising edge of the shift
register clock (SRCK) and the register clock (RCK),
respectively. The storage register transfers data to the output buffer when shift register clear (CLR) is
high. When CLR is low, all registers in the device are
cleared. When output enable (G) is held high, all data
in the output buffers is held low and all drain outputs
are off. When G is held low, data from the storage
register is transparent to the output buffers. When
data in the output buffers is low, the DMOS transistor
outputs are off. When data is high, the DMOS
transistor outputs have sink-current capability.
The serial output (SER OUT) is clocked out of the
device on the falling edge of SRCK to provide
additional hold time for cascaded applications. This
will provide improved performance for applications
where clock signals may be skewed, devices are not
located near one another, or the system must tolerate
electromagnetic interference.
Outputs are low-side, open-drain DMOS transistors
with output ratings of 33 V and 100 mA continuous
sink-current capability. Each output provides a 250-
mA maximum current limit at TC = 25°C. The current
limit decreases as the junction temperature increases
for additional device protection. The device also
provides up to 2500 V of ESD protection when tested
using the human body model and the 200-V machine
model.
The TPIC6C596 device is characterized for operation
over the operating case temperature range of −40°C
to 125°C.




Similar Part No. - TPIC6C596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
495Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
467Kb / 18P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596D TI-TPIC6C596D Datasheet
194Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596D TI-TPIC6C596D Datasheet
495Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
More results


Similar Description - TPIC6C596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
Power logic 8-bit shift register
06-Sep-2007
logo
Texas Instruments
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6596 TI1-TPIC6596_16 Datasheet
595Kb / 16P
POWER LOGIC 8-BIT SHIFT REGISTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com