Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC8101 Datasheet (PDF) - Texas Instruments

TPIC8101 Datasheet PDF - Texas Instruments
Part # TPIC8101
Download  TPIC8101 Download
File Size   718.64 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPIC8101 Knock Sensor Interface

TPIC8101 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC8101 Datasheet PDF - Texas Instruments

Part # TPIC8101
Download  TPIC8101 Click to download

File Size   718.64 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPIC8101 Knock Sensor Interface

TPIC8101 Datasheet (HTML) - Texas Instruments


TPIC8101 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM Classification Level 3A
– Device CDM Classification Level C6
• Dual-Channel Knock Sensor Interface
• Programmable Input Frequency Prescaler
(OSCIN)
• Serial Interface With Microprocessor (SPI)
• Programmable Gain
• Programmable Band-Pass Filter Center
Frequency
• External Clock Frequencies up to 24 MHz
– 4, 5, 6, 8, 10, 12, 16, 20, and 24 MHz
• Programmable Integrator Time Constants
• Operating Temperature Range −40°C to 125°C

2 Applications
• Engine Knock Detector Signal Processing
• Analog Signal Processing With Filter
Characteristics

3 Description
The TPIC8101 is a dual-channel signal processing IC
for detection of premature detonation in combustion engine. The two sensor channels are selectable
through the SPI bus. The knock sensor typically
provides an electrical signal to the amplifier inputs.
The sensed signal is processed through a
programmable band-pass filter to extract the frequency of interest (engine knock or ping signals).
The band-pass filter eliminates any engine
background noise associated with combustion. The
engine background noise is typically low in amplitude
compared to the predetonation noise.
The detected signal is full-wave rectified and
integrated by use of the INT/HOLD signal. The digital output from the integration stage is either converted
to an analog signal, passed through an output buffer,
or be read directly by the SPI.
This analog buffered output may be interfaced to an
A/D converter and read by the microprocessor. The
digital output may be directly interfaced to the
microprocessor.




Similar Part No. - TPIC8101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
KNOCK SENSOR INTERFACE
TPIC8101 TI-TPIC8101 Datasheet
324Kb / 20P
KNOCK SENSOR INTERFACE
TPIC8101DW TI-TPIC8101DW Datasheet
324Kb / 20P
KNOCK SENSOR INTERFACE
TPIC8101DWG4 TI-TPIC8101DWG4 Datasheet
324Kb / 20P
KNOCK SENSOR INTERFACE
TPIC8101DWR TI-TPIC8101DWR Datasheet
324Kb / 20P
KNOCK SENSOR INTERFACE
More results


Similar Description - TPIC8101

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
PIR SENSOR INTERFACE
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
KNOCK SENSOR INTERFACE
logo
List of Unclassifed Man...
MLX90308CAB ETC1-MLX90308CAB Datasheet
522Kb / 26P
Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
Programmable Sensor Interface
logo
Texas Instruments
TPIC8101 TI-TPIC8101_05 Datasheet
324Kb / 20P
KNOCK SENSOR INTERFACE
logo
LSI Computer Systems
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
PIR SENSOR INTERFACE
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
PIR SENSOR INTERFACE
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
Programmable Sensor Interface
logo
List of Unclassifed Man...
KY-031 ETC2-KY-031 Datasheet
126Kb / 3P
Knock-sensor module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com