Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL5000 Datasheet (PDF) - Texas Instruments

TPL5000 Datasheet PDF - Texas Instruments
Part # TPL5000
Download  TPL5000 Download
File Size   608.35 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL5000 Nano-Power Programmable Timer with Watchdog Functionality

TPL5000 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL5000 Datasheet PDF - Texas Instruments

Part # TPL5000
Download  TPL5000 Click to download

File Size   608.35 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL5000 Nano-Power Programmable Timer with Watchdog Functionality

TPL5000 Datasheet (HTML) - Texas Instruments


TPL5000 Product details

1 Features
1• Supply Voltage from1.8 V to 5.0 V
• Current Consumption 30 nA (typical, at 2.5 V)
• Watchdog Functionality
• Reset Functionality
• Selectable Timer Intervals 1 to 64 s

2 Applications
• Battery-Powered Systems
• Energy-Harvesting Systems
• Remote Data-Logger
• Sensor Node
• Building Automation
• Consumer Electronic
• Low-Power Wireless
• Safety and Security Platforms

3 Description
The TPL5000 is a long-term timer IC optimized for
low-power applications. The TPL5000 can replace a micro controller's (μC) internal timer, allowing the μC
to stay in low-power sleep mode instead of running a
timer, providing a total power consumption reduction
of 60 to 80%. The TPL5000 is designed for use in interrupt-driven applications and provides selectable
timing from 1 second to 64 seconds. Some standards (such as EN50271) require implementation of a
watchdog function for safety. The TPL5000 realizes
this watchdog function without consuming additional
power. The TPL5000 can also monitor a battery
management IC via a power-good digital input and
reset the microcontroller, if necessary. The device is
packaged in a 10-pin VSSOP package.




Similar Part No. - TPL5000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
Nano-Power Programmable Timer
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000DGST TI1-TPL5000DGST Datasheet
719Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
More results


Similar Description - TPL5000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5100 TI-TPL5100 Datasheet
748Kb / 14P
TPL5100 Nano Power Programmable Timer with MOS driver
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
Nano-Power Programmable Timer
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
Nano-Power Programmable Timer
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
TPL5010 Nano-power System Timer with Watchdog Function
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
Programmable watchdog timer
18-Sep-2013
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
Window Watchdog Timer with Programmable Reset Delay
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
Standard Programmable Watchdog Timer with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com