Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL5010 Datasheet (PDF) - Texas Instruments

TPL5010 Datasheet PDF - Texas Instruments
Part # TPL5010
Download  TPL5010 Download
File Size   554.81 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL5010-Q1 AEC-Q100 Nano-Power System Timer with Watchdog Function

TPL5010 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL5010 Datasheet PDF - Texas Instruments

Part # TPL5010
Download  TPL5010 Click to download

File Size   554.81 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL5010-Q1 AEC-Q100 Nano-Power System Timer with Watchdog Function

TPL5010 Datasheet (HTML) - Texas Instruments


TPL5010 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified with the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C5
• Current Consumption of 35 nA (typ) at 2.5 V
• Supply Voltage from 1.8 V to 5.5 V
• Selectable Time Intervals 100 ms to 7200 s
• Timer Accuracy 1% (Typical)
• Resistor Selectable Time Interval
• Watchdog Functionality
• Manual Reset
• TPL5x10Q Family of AEC-Q100 Nano-Power
System Timers
• TPL5010-Q1 - Supply Current 35 nA
– Low Power Timer
– Watchdog Function
– Programmable Delay Range
– Manual Reset
• TPL5110-Q1 - Supply Current 35 nA
– Low Power Timer
– MOS-Driver
– Programmable Delay Range
– Manual Reset
– One-Shot Feature

2 Applications
• Electric Vehicles
• Always On Systems
• Battery powered systems
• Clutch Actuator circuit
• Car Door Handle circuit
• Smart Key
• Remote current sensor
• Intruder Detection

3 Description
The TPL5010-Q1 Nano Timer is a low power, AECQ100
qualified timer with a watchdog feature ideal for
system wake up in duty cycled or battery powered
applications. In such systems the microcontroller
timer can be used for system wake-up, but if the
timer sleep current is high, up to 60-80% of the total
system current can be consumed by the
microcontroller timer in this sleep mode. Consuming
only 35 nA, the TPL5010-Q1 can replace the
functionality of the integrated microcontroller timer
and allow the microcontroller to be placed in a much
lower power mode. Such power savings extend the
operating life of batteries and enable the use of
significantly smaller batteries making the TPL5010-
Q1 ideal for power sensitive applications.. The
TPL5010-Q1 provides selectable timing intervals from
100 ms to 7200 s and is designed for interrupt-driven
applications. Some standards (such as EN50271)
require implementation of a watchdog for safety and
the TPL5010-Q1 realizes this watchdog function at
almost no additional power consumption. The
TPL5010-Q1 is available in a 6-pin SOT23 package.




Similar Part No. - TPL5010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5010 TI1-TPL5010 Datasheet
935Kb / 25P
Supply Voltage from 1.8V to 5.5V
TPL5010 TI1-TPL5010 Datasheet
934Kb / 25P
TPL5010 Nano-power System Timer with Watchdog Function
TPL5010 TI1-TPL5010 Datasheet
380Kb / 22P
AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010 TI2-TPL5010 Datasheet
585Kb / 27P
TPL5010 Nano-Power System Timer With Watchdog Function
REVISED SEPTEMBER 2018
TPL5010 TI2-TPL5010 Datasheet
591Kb / 27P
TPL5010 Nano-Power System Timer With Watchdog Function
REVISED SEPTEMBER 2018
More results


Similar Description - TPL5010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
TPL5010 Nano-power System Timer with Watchdog Function
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
AEC-Q100 Nano-Power System Timer for Power Gating
logo
Monolithic Power System...
MPQ6411 MPS-MPQ6411 Datasheet
317Kb / 14P
Windowed Watchdog Timer AEC-Q100 Qualified
logo
Texas Instruments
TPS3435-Q1 TI-TPS3435-Q1 Datasheet
1Mb / 29P
TPS3435-Q1 Automotive Nano IQ Precision Watchdog Timer
OCTOBER 2022
TPS3436-Q1 TI-TPS3436-Q1 Datasheet
1Mb / 30P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
OCTOBER 2022
TPS3436-Q1 TI1-TPS3436-Q1_V01 Datasheet
1Mb / 37P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
REVISED JUNE 2023
TPS3435-Q1 TI1-TPS3435-Q1_V01 Datasheet
1Mb / 36P
TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS3436-Q1 TI1-TPS3436-Q1_V02 Datasheet
1Mb / 37P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com