Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC6C595DR.A Datasheet (PDF) - Texas Instruments

TPIC6C595DR.A Datasheet PDF - Texas Instruments
Part # TPIC6C595DR.A
Download  TPIC6C595DR.A Download
File Size   779.11 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPIC6C595 Power Logic 8-Bit Shift Register

TPIC6C595DR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC6C595DR.A Datasheet PDF - Texas Instruments

Part # TPIC6C595DR.A
Download  TPIC6C595DR.A Click to download

File Size   779.11 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPIC6C595 Power Logic 8-Bit Shift Register

TPIC6C595DR.A Datasheet (HTML) - Texas Instruments


TPIC6C595DR.A Product details

1 Features
1• Low rDS(on), 7 Ω Typical
• Avalanche Energy, 30 mJ
• Eight Power DMOS Transistor Outputs of 100-mA
Continuous Current
• 250-mA Current Limit Capability
• ESD Protection, 2500 V
• Output Clamp Voltage, 33 V
• Devices are Cascadable
• Low-Power Consumption

2 Applications
• Instrumentation Clusters
• Tell-Tale Lamps
• LED Illumination and Controls
• Automotive Relay or Solenoids
• Drivers

3 Description
The TPIC6C595 is a monolithic, medium-voltage,
low-current power 8-bit shift register designed for use
in systems that require relatively moderate load
power such as LEDs. The device contains a built-in
voltage clamp on the outputs for inductive transient
protection. Power driver applications include relays,
solenoids, and other low-current or medium-voltage
loads.
This device contains an 8-bit serial-in, parallel-out
shift register that feeds an 8-bit D-type storage
register. Data transfers through both the shift and
storage registers on the rising edge of the shift
register clock (SRCK) and the register clock (RCK),
respectively. The device transfers data out the serial
output (SER OUT) port on the rising edge of SRCK.
The storage register transfers data to the output
buffer when shift register clear (CLR) is high. When
CLR is low, the input shift register is cleared. When
output enable (G) is held high, all data in the output buffers is held low and all drain outputs are off. When
G is held low, data from the storage register is
transparent to the output buffers. When data in the
output buffers is low, the DMOS transistor outputs are
off. When data is high, the DMOS transistor outputs
have sink-current capability. The SER OUT allows for
cascading of the data from the shift register to
additional devices.
Outputs are low-side, open-drain DMOS transistors
with output ratings of 33-V to 100-mA continuous
sink-current capability. Each output provides a
250-mA maximum current limit at TC = 25°C. The
current limit decreases as the junction temperature
increases for additional device protection. The device
also provides up to 2500 V of ESD protection when tested using the human-body model and the 200-V
machine model.
The TPIC6C595 is characterized for operation over
the operating case temperature range of −40°C to
125°C.




Similar Part No. - TPIC6C595DR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6C595DR TI1-TPIC6C595DR Datasheet
962Kb / 20P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595DR TI1-TPIC6C595DR Datasheet
1Mb / 28P
Power Logic 8-Bit Shift Register
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595DRG4 TI1-TPIC6C595DRG4 Datasheet
962Kb / 20P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595DRG4 TI1-TPIC6C595DRG4 Datasheet
1Mb / 28P
Power Logic 8-Bit Shift Register
More results


Similar Description - TPIC6C595DR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
Power logic 8-bit shift register
06-Sep-2007
logo
Texas Instruments
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6596 TI1-TPIC6596_16 Datasheet
595Kb / 16P
POWER LOGIC 8-BIT SHIFT REGISTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com