Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1014089 Datasheet (PDF) - PHOENIX CONTACT

1014089 Datasheet PDF - PHOENIX CONTACT
Part # 1014089
Download  1014089 Download
File Size   192.27 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMTBA (24X4) YE CUS - Cable marker

1014089 Datasheet (PDF)

Go To PDF Page Download Datasheet
1014089 Datasheet PDF - PHOENIX CONTACT

Part # 1014089
Download  1014089 Click to download

File Size   192.27 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMTBA (24X4) YE CUS - Cable marker

1014089 Datasheet (HTML) - PHOENIX CONTACT


1014089 Product details

Cable marker, Sheet, can be ordered: by sheet, yellow, labeled according to customer
specifications, mounting type: Assembly with cable ties, cable diameter: > 5 mm, Number of
individual labels: 15, text field height: 6 mm, text field width: 25 mm




Similar Part No. - 1014089

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1014082 PHOENIX-1014082 Datasheet
189Kb / 6P
UCT-WMTBA (24X4) - Cable marker
1014083 PHOENIX-1014083 Datasheet
192Kb / 6P
UCT-WMTBA (24X4) YE - Cable marker
1014084 PHOENIX-1014084 Datasheet
188Kb / 6P
UCT-WMTBA (29X6) - Cable marker
1014085 PHOENIX-1014085 Datasheet
191Kb / 6P
UCT-WMTBA (29X6) YE - Cable marker
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
More results


Similar Description - 1014089

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824471 PHOENIX-0824471 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE CUS
0824940 PHOENIX-0824940 Datasheet
57Kb / 2P
Zack marker strip - ZB 10/YE CUS
0824976 PHOENIX-0824976 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/YE CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
0820390 PHOENIX-0820390 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) YE
09/11/2020
0820426 PHOENIX-0820426 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (24X5)
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
1014087 PHOENIX-1014087 Datasheet
56Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com