Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8111 Datasheet (PDF) - Sealevel Systems, Inc.

8111 Datasheet PDF - Sealevel Systems, Inc.
Part # 8111
Download  8111 Download
File Size   375.48 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 4 Optically Isolated Inputs / 4 Reed Relay Digital Interface Adapter

8111 Datasheet (PDF)

Go To PDF Page Download Datasheet
8111 Datasheet PDF - Sealevel Systems, Inc.

Part # 8111
Download  8111 Click to download

File Size   375.48 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 4 Optically Isolated Inputs / 4 Reed Relay Digital Interface Adapter

8111 Datasheet (HTML) - Sealevel Systems, Inc.


8111 Product details

Features
• 4 optically isolated inputs
• Optical isolation provides protection against surges and ground loops
• 4 SPST Form A Reed relays
• Field wiring is simplified via removable 3.5mm terminal blocks
compatible with 16-30 AWG wire
• Optional removable spring-clamp terminal blocks available
• Status LEDs display I/O activity and USB connection
• Sealevel’s SeaLATCH locking USB port provides secure connection with
SeaLATCH USB cables via metal thumbscrews
• Powered by USB connection
• Sealevel software supports Windows 7/Vista/XP/2000 operating
systems
• Housed in rugged, attractive plastic enclosure
• Includes 6′ USB type A to SeaLATCH USB type B device cable (Item#
CA356)




Similar Part No. - 8111

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8111 GILWAY-8111 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Schurter Inc.
8111 SCHURTER-8111 Datasheet
473Kb / 3P
IEC Connector C15, Rewireable, Angled
logo
ASM GmbH
8111 ASM-SENSOR-8111 Datasheet
1Mb / 4P
PEN RECORDER
logo
Schurter Inc.
8111 SCHURTER-8111 Datasheet
235Kb / 3P
IEC Connector C15, Rewireable, Angled
05.12.2014
logo
Christian Bürkert GmbH ...
8111 BURKERT-8111 Datasheet
651Kb / 10P
Vibrating filling level switch
18.12.2023
More results


Similar Description - 8111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
National Instruments Co...
PXI-6529 NI-PXI-6529 Datasheet
664Kb / 5P
24 or 48 channel-to-channel optically isolated inputs and solid-state relay outputs
USB-6525 NI-USB-6525 Datasheet
669Kb / 5P
Small, portable digital I/O device / Eight channel-to-channel optically isolated inputs
logo
Willow Technologies Ltd
C46FC47F WILLOW-C46FC47F Datasheet
616Kb / 2P
Optically Isolated up to 1.75A
logo
Carlo Gavazzi Holding A...
G34409943824 CARLOGAVAZZI-G34409943824 Datasheet
892Kb / 7P
4 inputs / 4 outputs digital transceiver
logo
Pepperl+Fuchs Inc.
K-ADP-USB PF-K-ADP-USB Datasheet
805Kb / 2P
Adapter with USB Interface
S-ADP-USB PF-S-ADP-USB Datasheet
507Kb / 2P
Adapter with USB Interface
2020-09-23
logo
Advantech Co., Ltd.
ECU-P1761 ADVANTECH-ECU-P1761 Datasheet
244Kb / 1P
4-ch Isolated Digital Input, 4-ch Isolated - ed Relay Output with IRIG-B Board
14-Apr-2022
logo
Coolgear Inc.
CG-4X232FTDI COOLGEAR-CG-4X232FTDI Datasheet
120Kb / 2P
4-port USB to RS232 Adapter FTDI Cable
USB2-4COM-SI-M COOLGEAR-USB2-4COM-SI-M Datasheet
64Kb / 1P
USB 2.0 to 4 Port RS-232 Serial Adapter Optical isolated
6/27/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com