Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8112-KT Datasheet (PDF) - Sealevel Systems, Inc.

8112-KT Datasheet PDF - Sealevel Systems, Inc.
Part # 8112-KT
Download  8112-KT Download
File Size   742.99 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 4 Optically Isolated Inputs / 4 Form C Relay Outputs Digital Interface Adapter

8112-KT Datasheet (PDF)

Go To PDF Page Download Datasheet
8112-KT Datasheet PDF - Sealevel Systems, Inc.

Part # 8112-KT
Download  8112-KT Click to download

File Size   742.99 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 4 Optically Isolated Inputs / 4 Form C Relay Outputs Digital Interface Adapter

8112-KT Datasheet (HTML) - Sealevel Systems, Inc.


8112-KT Product details

Features
• 4 optically isolated inputs
• Optical isolation provides protection against surges and ground loops
• 4 SPDT Form C relays
• Field wiring is simplified via removable 3.5mm terminal blocks
compatible with 16-30 AWG wire
• Optional removable spring-clamp terminal blocks available
• Status LEDs display I/O activity and USB connection
• Powered by USB connection
• Sealevel software supports Windows 7/Vista/XP/2000 operating
systems
• Includes Molex 4-pin vertical 2mm locking header for USB connection
(Mating connector Molex# 35507-0400)




Similar Part No. - 8112-KT

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8112-060100 BELDEN-8112-060100 Datasheet
219Kb / 2P
RS-232/422 Low Cap, #24-12.5pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
8112-0601000 BELDEN-8112-0601000 Datasheet
219Kb / 2P
RS-232/422 Low Cap, #24-12.5pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
8112-060500 BELDEN-8112-060500 Datasheet
219Kb / 2P
RS-232/422 Low Cap, #24-12.5pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
logo
MG Chemicals
8112-100 MG-CHEMICALS-8112-100 Datasheet
680Kb / 2P
CLEANING SWABS
logo
Bourns Electronic Solut...
8112-RC BOURNS-8112-RC Datasheet
103Kb / 1P
Common Mode Inductors (with Optional Header) Dielectric strength: 1500 Vrms
More results


Similar Description - 8112-KT

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-6529 NI-PXI-6529 Datasheet
664Kb / 5P
24 or 48 channel-to-channel optically isolated inputs and solid-state relay outputs
USB-6525 NI-USB-6525 Datasheet
669Kb / 5P
Small, portable digital I/O device / Eight channel-to-channel optically isolated inputs
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
logo
List of Unclassifed Man...
PCI-7260 ETC2-PCI-7260 Datasheet
244Kb / 1P
8-CH High-Power Relay Outputs & 8-CH Isolated Digital Inputs Card
logo
Carlo Gavazzi Holding A...
G34409943824 CARLOGAVAZZI-G34409943824 Datasheet
892Kb / 7P
4 inputs / 4 outputs digital transceiver
logo
IOGEAR
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
logo
Schneider Electric
TPRDG4X2 SCHNEIDER-TPRDG4X2 Datasheet
110Kb / 3P
Digital IO module, TeSys island, 4 inputs, 2 outputs
May 9, 2022
logo
Coolgear Inc.
USB2-4COM-SI-M COOLGEAR-USB2-4COM-SI-M Datasheet
64Kb / 1P
USB 2.0 to 4 Port RS-232 Serial Adapter Optical isolated
6/27/2016
logo
Tripp Lite. All Rights ...
U444-06N-HD8K6W TRIPPLITE-U444-06N-HD8K6W Datasheet
41Kb / 4P
USB-C to HDMI Adapter (M/F) - 8K 60 Hz, HDR, 4:4:4, HDCP 2.3, White
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com