Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8115-KT Datasheet (PDF) - Sealevel Systems, Inc.

8115-KT Datasheet PDF - Sealevel Systems, Inc.
Part # 8115-KT
Download  8115-KT Download
File Size   739.51 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 4 Form C Relay Outputs Digital Interface Adapter

8115-KT Datasheet (PDF)

Go To PDF Page Download Datasheet
8115-KT Datasheet PDF - Sealevel Systems, Inc.

Part # 8115-KT
Download  8115-KT Click to download

File Size   739.51 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 4 Form C Relay Outputs Digital Interface Adapter

8115-KT Datasheet (HTML) - Sealevel Systems, Inc.


8115-KT Product details

Features
• 4 SPDT Form C relays
• Field wiring is simplified via removable 3.5mm terminal blocks
compatible with 16-30 AWG wire
• Optional removable spring-clamp terminal blocks available
• Status LEDs display I/O activity and USB connection
• Powered by USB connection
• Sealevel software supports Windows 7/Vista/XP/2000 operating
systems
• Includes Molex 4-pin vertical 2mm locking header for USB connection
(Mating connector Molex# 35507-0400)




Similar Part No. - 8115-KT

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
8115-632-A RAF-8115-632-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Bourns Electronic Solut...
8115-RC BOURNS-8115-RC Datasheet
103Kb / 1P
Common Mode Inductors (with Optional Header) Dielectric strength: 1500 Vrms
More results


Similar Description - 8115-KT

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
1 Form C Solid State Relay
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
1-Form-C OptoMOS Relay
logo
Texas Instruments
SLLU093 TI1-SLLU093 Datasheet
863Kb / 50P
USB Interface Adapter Evaluation Module
logo
IC-Haus GmbH
IC-TOOLSSC ICHAUS-IC-TOOLSSC Datasheet
3Mb / 9P
SIN/COS INTERFACE ADAPTER TO PC-USB 2.0
logo
Pepperl+Fuchs Inc.
K-ADP-USB PF-K-ADP-USB Datasheet
805Kb / 2P
Adapter with USB Interface
logo
IOGEAR
G2LU3CMF IOGEAR-G2LU3CMF Datasheet
128Kb / 2P
USB-C Male to Female Adapter
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
S-ADP-USB PF-S-ADP-USB Datasheet
507Kb / 2P
Adapter with USB Interface
2020-09-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com