Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT257A Datasheet (PDF) - STMicroelectronics

74VHCT257A Datasheet PDF - STMicroelectronics
Part # 74VHCT257A
Download  74VHCT257A Download
File Size   70.63 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2 CHANNEL MULTIPLEXER 3-STATE

74VHCT257A Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT257A Datasheet PDF - STMicroelectronics

Part # 74VHCT257A
Download  74VHCT257A Click to download

File Size   70.63 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2 CHANNEL MULTIPLEXER 3-STATE

74VHCT257A Datasheet (HTML) - STMicroelectronics


74VHCT257A Product details

DESCRIPTION
The 74VHCT257A is an advanced high-speed CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.

■ HIGH SPEED: tPD = 5.8 ns (TYP.) at VCC =5V
■ LOWPOWER DISSIPATION: ICC = 4 µA (MAX.) at TA = 25 °C
■ COMPATIBLEWITH TTL OUTPUTS: VIH = 2V (MIN), VIL = 0.8V(MAX)
■ POWER DOWN PROTECTION ON INPUTS & OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN)
■ BALANCEDPROPAGATIONDELAYS: tPLH ≅ tPHL
■ OPERATINGVOLTAGERANGE: VCC (OPR) = 4.5Vto 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES257
■ IMPROVEDLATCH-UP IMMUNITY
■ LOWNOISE: VOLP =0.8V (Max.)




Similar Part No. - 74VHCT257A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT257A STMICROELECTRONICS-74VHCT257A Datasheet
311Kb / 13P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
16-Dec-2004
74VHCT257AMTR STMICROELECTRONICS-74VHCT257AMTR Datasheet
311Kb / 13P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
16-Dec-2004
74VHCT257ATTR STMICROELECTRONICS-74VHCT257ATTR Datasheet
311Kb / 13P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
16-Dec-2004
74VHCT257A STMICROELECTRONICS-74VHCT257A_04 Datasheet
311Kb / 13P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
16-Dec-2004
More results


Similar Description - 74VHCT257A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Apr-2001
74VHC257 STMICROELECTRONICS-74VHC257 Datasheet
315Kb / 14P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
12-Nov-2004
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
Feb-1993
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
logo
STMicroelectronics
M74HC257 STMICROELECTRONICS-M74HC257 Datasheet
190Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Aug-2001
logo
Toshiba Semiconductor
TC74HC257AP TOSHIBA-TC74HC257AP_07 Datasheet
264Kb / 8P
Quad 2-Channel Multiplexer (3-state)
TC7MH257FK TOSHIBA-TC7MH257FK Datasheet
189Kb / 7P
Quad 2-Channel Multiplexer (3-State)
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257_01 Datasheet
286Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2001
74VHCT257A STMICROELECTRONICS-74VHCT257A_04 Datasheet
311Kb / 13P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F_12 Datasheet
224Kb / 9P
Quad 2-Channel Multiplexer (3-state)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com