Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2043 Datasheet (PDF) - Texas Instruments

TPS2043 Datasheet PDF - Texas Instruments
Part # TPS2043
Download  TPS2043 Download
File Size   538.92 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE POWER-DISTRIBUTION SWITCHES

TPS2043 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2043 Datasheet PDF - Texas Instruments

Part # TPS2043
Download  TPS2043 Click to download

File Size   538.92 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE POWER-DISTRIBUTION SWITCHES

TPS2043 Datasheet (HTML) - Texas Instruments


TPS2043 Product details

135-mW -Maximum (5-V Input) High-Side
MOSFET Switch
500 mA Continuous Current per Channel
Short-Circuit and Thermal Protection With
Overcurrent Logic Output
Operating Range . . . 2.7 V to 5.5 V
Logic-Level Enable Input
2.5-ms Typical Rise Time
Undervoltage Lockout
20 mA Maximum Standby Supply Current
Bidirectional Switch
Available in 16-pin SOIC Package
Ambient Temperature Range, –40°C to 85°C
2-kV Human-Body-Model, 200-V
Machine-Model ESD Protection
UL Listed – File No. E169910

description
The TPS2043 and TPS2053 triple power
distribution switches are intended for applications
where heavy capacitive loads and short circuits
are likely to be encountered. The TPS2043 and
the TPS2053 incorporate in single packages three 135-mW N-channel MOSFET high-side power switches for
power-distribution systems that require multiple power switches. Each switch is controlled by a logic enable that
is compatible with 5-V logic and 3-V logic. Gate drive is provided by an internal charge pump that controls the
power-switch rise times and fall times to minimize current surges during switching. The charge pump, requiring
no external components, allows operation from supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the TPS2043 and TPS2053 limit
the output current to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic
output low. When continuous heavy overloads and short circuits increase the power dissipation in the switch
causing the junction temperature to rise, a thermal protection circuit shuts off the switch to prevent damage.
Recovery from a thermal shutdown is automatic once the device has cooled sufficiently. Internal circuitry
ensures the switch remains off until valid input voltage is present.
The TPS2043 and TPS2053 are designed to limit at 0.9-A load. These power distribution switches are available
in a 16-pin small-outline integrated circuit (SOIC) package and operate over an ambient temperature range of
–40°C to 85°C.




Similar Part No. - TPS2043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2043 TI-TPS2043 Datasheet
434Kb / 25P
TRIPLE POWER-DISTRIBUTION SWITCHES
TPS2043 TI-TPS2043 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2043 TI1-TPS2043 Datasheet
611Kb / 28P
TRIPLE POWER-DISTRIBUTION SWITCHES
TPS2043A TI1-TPS2043A Datasheet
1,011Kb / 34P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2043A TI2-TPS2043A Datasheet
578Kb / 34P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SEPTEMBER 2000
More results


Similar Description - TPS2043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2043 TI-TPS2043 Datasheet
434Kb / 25P
TRIPLE POWER-DISTRIBUTION SWITCHES
TPS2047 TI-TPS2047 Datasheet
420Kb / 24P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2043 TI1-TPS2043_14 Datasheet
611Kb / 28P
TRIPLE POWER-DISTRIBUTION SWITCHES
TPS2047 TI1-TPS2047_14 Datasheet
597Kb / 27P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com