Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2042 Datasheet (PDF) - Texas Instruments

TPS2042 Datasheet PDF - Texas Instruments
Part # TPS2042
Download  TPS2042 Download
File Size   532.2 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL POWER-DISTRIBUTION SWITCHES

TPS2042 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2042 Datasheet PDF - Texas Instruments

Part # TPS2042
Download  TPS2042 Click to download

File Size   532.2 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL POWER-DISTRIBUTION SWITCHES

TPS2042 Datasheet (HTML) - Texas Instruments


TPS2042 Product details

135-mW -Maximum (5-V Input) High-Side
MOSFET Switch
500 mA Continuous Current per Channel
Short-Circuit and Thermal Protection With
Overcurrent Logic Output
Operating Range . . . 2.7-V to 5.5-V
Logic-Level Enable Input
2.5-ms Typical Rise Time
Undervoltage Lockout
10 mA Maximum Standby Supply Current
Bidirectional Switch
Available in 8-pin SOIC and PDIP Packages
Ambient Temperature Range, –40°C to 85°C
2-kV Human-Body-Model, 200-V
Machine-Model ESD Protection
UL Listed – File No. E169910

description
The TPS2042 and TPS2052 dual power distribution switches are intended for applications where heavy
capacitive loads and short circuits are likely to be encountered. The TPS2042 and the TPS2052 incorporate
in single packages two 135-mW N-channel MOSFET high-side power switches for power distribution systems
that require multiple power switches. Each switch is controlled by a logic enable that is compatible with 5-V logic
and 3-V logic. Gate drive is provided by an internal charge pump designed to control the power-switch rise times
and fall times to minimize current surges during switching. The charge pump requires no external components
and allows operation from supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the TPS2042 and TPS2052 limit
the output current to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic
output low. When continuous heavy overloads and short circuits increase the power dissipation in the switch
causing the junction temperature to rise, a thermal protection circuit shuts off the switch to prevent damage.
Recovery from a thermal shutdown is automatic once the device has cooled sufficiently. Internal circuitry
ensures the switch remains off until valid input voltage is present.
The TPS2042 and TPS2052 are designed to limit at 0.9-A load. These power distribution switches are available
in 8-pin small-outline integrated circuit (SOIC) and 8-pin plastic dual-in-line packages (PDIP) and operate over
an ambient temperature range of –40°C to 85°C.




Similar Part No. - TPS2042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2042 TI-TPS2042 Datasheet
430Kb / 24P
DUAL POWER-DISTRIBUTION SWITCHES
TPS2042 TI-TPS2042 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2042 TI-TPS2042 Datasheet
589Kb / 26P
DUAL POWER-DISTRIBUTION SWITCHES
TPS2042A TI1-TPS2042A Datasheet
1,011Kb / 34P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2042A TI2-TPS2042A Datasheet
578Kb / 34P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SEPTEMBER 2000
More results


Similar Description - TPS2042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2042 TI-TPS2042 Datasheet
430Kb / 24P
DUAL POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2042DR TI-TPS2042DR Datasheet
589Kb / 26P
DUAL POWER-DISTRIBUTION SWITCHES
logo
Anpec Electronics Corop...
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
USB Dual Power-Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com