Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2044 Datasheet (PDF) - Texas Instruments

TPS2044 Datasheet PDF - Texas Instruments
Part # TPS2044
Download  TPS2044 Download
File Size   555.9 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD POWER-DISTRIBUTION SWITCHES

TPS2044 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2044 Datasheet PDF - Texas Instruments

Part # TPS2044
Download  TPS2044 Click to download

File Size   555.9 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD POWER-DISTRIBUTION SWITCHES

TPS2044 Datasheet (HTML) - Texas Instruments


TPS2044 Product details

135-mW -Maximum (5-V Input) High-Side
MOSFET Switch
500 mA Continuous Current per Channel
Short-Circuit and Thermal Protection With
Overcurrent Logic Output
Operating Range . . . 2.7-V to 5.5-V
Logic-Level Enable Input
2.5-ms Typical Rise Time
Undervoltage Lockout
20-mA-Maximum Standby Supply Current
Bidirectional Switch
16-pin SOIC Package
Ambient Temperature Range, –40°C to 85°C
2-kV Human-Body-Model, 200-V
Machine-Model ESD Protection
UL Listed – File No. E169910

description
The TPS2044 and TPS2054 quad powerdistribution
switches are intended for applications
where heavy capacitive loads and short circuits
are likely to be encountered. The TPS2044 and the TPS2054 incorporate in single packages four 135-mW
N-channel MOSFET high-side power switches for power-distribution systems that require multiple power
switches. Each switch is controlled by a logic enable that is compatible with 5-V logic and 3-V logic. Gate drive
is provided by an internal charge pump that controls the power-switch rise times and fall times to minimize
current surges during switching. The charge pump, requiring no external components, allows operation from
supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the TPS2044 and TPS2054 limit
the output current to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic
output low. When continuous heavy overloads and short circuits increase the power dissipation in the switch
causing the junction temperature to rise, a thermal protection circuit shuts off the switch to prevent damage.
Recovery from a thermal shutdown is automatic once the device has cooled sufficiently. Internal circuitry
ensures the switch remains off until valid input voltage is present.
The TPS2044 and TPS2054 are designed to limit at 0.9-A load. These power-distribution switches are available
in 16-pin small-outline integrated-circuit (SOIC) packages and operate over an ambient temperature range of
–40°C to 85°C.




Similar Part No. - TPS2044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
QUAD POWER-DISTRIBUTION SWITCHES
TPS2044 TI-TPS2044 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2044 TI1-TPS2044 Datasheet
617Kb / 28P
QUAD POWER-DISTRIBUTION SWITCHES
TPS2044A TI1-TPS2044A Datasheet
1,011Kb / 34P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2044A TI2-TPS2044A Datasheet
578Kb / 34P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SEPTEMBER 2000
More results


Similar Description - TPS2044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
QUAD POWER-DISTRIBUTION SWITCHES
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2090 TI-TPS2090 Datasheet
314Kb / 19P
QUAD POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2044 TI1-TPS2044_14 Datasheet
617Kb / 28P
QUAD POWER-DISTRIBUTION SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com