Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2074DB Datasheet (PDF) - Texas Instruments

TPS2074DB Datasheet PDF - Texas Instruments
Part # TPS2074DB
Download  TPS2074DB Download
File Size   521.47 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FOUR-PORT USB HUB POWER CONTROLLERS

TPS2074DB Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2074DB Datasheet PDF - Texas Instruments

Part # TPS2074DB
Download  TPS2074DB Click to download

File Size   521.47 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FOUR-PORT USB HUB POWER CONTROLLERS

TPS2074DB Datasheet (HTML) - Texas Instruments


TPS2074DB Product details

Complete USB Hub Power Solution
Meets USB Specifications 1.1 and 2.0
Independent Thermal and Short-Circuit
Protection
3.3-V Regulator for USB Hub Controller
Overcurrent Logic Outputs
4.5-V to 5.5-V Operating Range
CMOS- and TTL-Compatible Enable Inputs
185 μA Bus-Power Supply Current
Available in 24-Pin SSOP Package
–40°C to 85°C Ambient Temperature Range

description
The TPS2074 and TPS2075 provide a complete
USB hub power solution by incorporating three
major functions: current-limited power switches
for four ports, a 3.3-V 100-mA regulator, and a
DP0 line control to signal attach/detach of the hub.
These devices are designed to meet bus-powered
and self-powered hub requirements. These
devices are also designed for hybrid hub
implementations and allow for automatic switching
from self-powered mode to bus-powered
mode if loss of self-power is experienced. This
feature can be disabled by applying a logic high to
the BP_DIS input
Each port has a current-limited 100-mΩ Nchannel
MOSFET high-side power switch for
500 mA self-powered operation. Each port also
has a current-limited 500-mΩ N-channel MOSFET
high-side power switch for 100-mA buspowered
operation. All the N-channel MOSFETs
are designed without parasitic diodes, preventing
current backflow into the inputs.
For applications where a 5-V regulator is needed,
use the TPS2070 or TPS2071 device.




Similar Part No. - TPS2074DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074DB TI-TPS2074DB Datasheet
416Kb / 25P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DB TI-TPS2074DB Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DB TI1-TPS2074DB Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DBG4 TI1-TPS2074DBG4 Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DBR TI-TPS2074DBR Datasheet
416Kb / 25P
FOUR-PORT USB HUB POWER CONTROLLERS
More results


Similar Description - TPS2074DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074 TI-TPS2074 Datasheet
416Kb / 25P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070 Datasheet
472Kb / 29P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TPS2074 TI1-TPS2074_08 Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com