Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2115 Datasheet (PDF) - Texas Instruments

TPS2115 Datasheet PDF - Texas Instruments
Part # TPS2115
Download  TPS2115 Download
File Size   708.53 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUTOSWITCHING POWER MULTIPLEXER

TPS2115 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2115 Datasheet PDF - Texas Instruments

Part # TPS2115
Download  TPS2115 Click to download

File Size   708.53 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUTOSWITCHING POWER MULTIPLEXER

TPS2115 Datasheet (HTML) - Texas Instruments


TPS2115 Product details

FEATURES
· Two-Input, One-Output Power Multiplexer
With Low rDS(on) Switches:
– 84 mW Typ (TPS2115)
– 120 mW Typ (TPS2114)
· Reverse and Cross-Conduction Blocking
· Wide Operating Voltage Range: 2.8 V to 5.5 V
· Low Standby Current: 0.5 μA Typical
· Low Operating Current: 55 μA Typical
· Adjustable Current Limit
· Controlled Output Voltage Transition Times,
Limits Inrush Current and Minimizes Output
Voltage Hold-Up Capacitance
· CMOS and TTL Compatible Control Inputs
· Manual and Auto-Switching Operating Modes
· Thermal Shutdown
· Available in a TSSOP-8 Package

APPLICATIONS
· PCs
· PDAs
· Digital Cameras
· Modems
· Cell phones
· Digital Radios
· MP3 Players

DESCRIPTION
The TPS211x family of power multiplexers enables seamless transition between two power supplies, such as a
battery and a wall adapter, each operating at 2.8-5.5 V and delivering up to 1 A. The TPS211x family includes
extensive protection circuitry, including user-programmable current limiting, thermal protection, inrush current
control, seamless supply transition, cross-conduction blocking, and reverse-conduction blocking. These features
greatly simplify designing power multiplexer applications.




Similar Part No. - TPS2115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI2-TPS2115 Datasheet
600Kb / 25P
AUTOSWITCHING POWER MUX
DECEMBER 2002
TPS2115 TI2-TPS2115 Datasheet
591Kb / 25P
AUTOSWITCHING POWER MUX
DECEMBER 2002
TPS2115A TI-TPS2115A Datasheet
211Kb / 20P
AUTOSWITCHING POWER MUX
TPS2115A TI2-TPS2115A Datasheet
717Kb / 27P
AUTOSWITCHING POWER MUX
REVISED MARCH 2010
More results


Similar Description - TPS2115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
AUTOSWITCHING POWER MUX
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
AUTOSWITCHING POWER MULTIPLEXER
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
AUTOSWITCHING POWER MUX
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
AUTOSWITCHING POWER MULTIPLEXER
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
AUTOSWITCHING POWER MUX
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com