Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2212 Datasheet (PDF) - Texas Instruments

TPS2212 Datasheet PDF - Texas Instruments
Part # TPS2212
Download  TPS2212 Download
File Size   398.58 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS

TPS2212 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2212 Datasheet PDF - Texas Instruments

Part # TPS2212
Download  TPS2212 Click to download

File Size   398.58 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS

TPS2212 Datasheet (HTML) - Texas Instruments


TPS2212 Product details

Fully Integrated VCC and Vpp Switching for
Low Power Single-Slot PC Card Interface
Low rDS(on) (160-mΩ VCC Switches)
Low Current Limit, 450 mA (VCC) Typ
3.3-V Low-Voltage Mode
12-V Supply Can Be Disabled Except
During 12-V Flash Programming
Short-Circuit and Thermal Protection
Space-Saving 16-Pin SSOP (DB)
Compatible With 3.3-V, 5-V, and 12-V PC
Cards
Break-Before-Make Switching
Typical Applications Include: PCMCIA PC
Card Sockets in PDAs, PBXs, Bar Code
Scanners, Compact Flash and Smart Cards

description
The TPS2212 PC Card power-interface switch provides an integrated power-management solution for a single
low power PC Card. All of the discrete power MOSFETs, a logic section, current limiting, and thermal protection
for PC Card control are combined on a single integrated circuit, using the Texas Instruments LinBiCMOS
process. The circuit allows the distribution of 3.3-V, 5-V, and/or 12-V card power, and is compatible with many
PCMCIA controllers. The current-limiting feature eliminates the need for fuses, which reduces component count
and improves reliability. Current-limit reporting can help the user isolate a system fault to the PC Card.
The TPS2212 features a 3.3-V low-voltage mode that allows for 3.3-V switching without the need for 5 V. Bias
power can be derived from either the 3.3-V or 5-V inputs. This facilitates low-power system designs such as
sleep mode and pager mode, where only 3.3 V is available.
End equipment for the TPS2212 includes notebook computers, desktop computers, personal digital assistants
(PDAs), digital cameras, and bar-code scanners. This device is well suited for those applications that need to
limit the power provided to the PC card because of power-supply constraints. In many applications, such as
palm computers, the system cannot allocate more than 200 mA of current to a PC card slot. For these lowerpower
applications, the TPS2212 provides the same advanced level of protection that the TPS2211 provides for
higher-power applications.




Similar Part No. - TPS2212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2212 TI-TPS2212 Datasheet
296Kb / 20P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212 TI-TPS2212 Datasheet
484Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
TPS2212DB TI-TPS2212DB Datasheet
296Kb / 20P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI-TPS2212IDB Datasheet
506Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI1-TPS2212IDB Datasheet
506Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
More results


Similar Description - TPS2212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2212 TI-TPS2212 Datasheet
296Kb / 20P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2212IDB TI-TPS2212IDB Datasheet
506Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI1-TPS2212IDB Datasheet
506Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDBR TI1-TPS2212IDBR Datasheet
484Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDBR TI-TPS2212IDBR Datasheet
484Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com