Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2393 Datasheet (PDF) - Texas Instruments

TPS2393 Datasheet PDF - Texas Instruments
Part # TPS2393
Download  TPS2393 Download
File Size   689.49 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FULL-FEATURED -48-V HOT SWAP POWER MANAGER

TPS2393 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2393 Datasheet PDF - Texas Instruments

Part # TPS2393
Download  TPS2393 Click to download

File Size   689.49 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FULL-FEATURED -48-V HOT SWAP POWER MANAGER

TPS2393 Datasheet (HTML) - Texas Instruments


TPS2393 Product details

FEATURES
Wide Input Supply Range: −20 V to −80 V
Transient Rating to −100 V
Programmable Current Limit
Programmable Current Slew Rate
Programmable UV/OV Thresholds/Hysteresis
Debounced Insertion Detection Inputs
Open-Drain Power Good (PG) Output
Fault Timer to Eliminate Nuisance Trips
Open-Drain Fault Output (FAULT)
Enable Input (EN)
14-Pin TSSOP package
44-Pin TSSOP Package for
Creapage/Clearance

APPLICATIONS
−48-V Distributed Power Systems
Central Office Switching
Wireless Base Station

DESCRIPTION
The TPS2392 and TPS2393 integrated circuits are hot
swap power managers optimized for use in nominal
−48-V systems. They operate with supply voltage
ranges from −20-V to −80-V, and are rated to withstand
spikes to −100 V. In conjunction with an external
N-channel FET and sense resistor, they can be used to
enable live insertion of plug-in cards and modules in
powered systems. Each device provides load current
slew rate control and peak magnitude limiting.
Undervoltage and overvoltage shutdown thresholds
are easily programmed via a three-resistor divider
network. In addition, two active-low, debounced inputs
provide plug-in insertion detection. A power good (PG)
output enables downstream converters. The TPS2392
and TPS2393 also provide the basic hot swap functions
of electrical isolation of faulty cards, filtered protection
against nuisance overcurrent trips, and single-line fault
reporting. The 44-pin part supports designs where
telecomm creepage and clearance requirements must
be followed.
The TPS2392 latches off in response to current faults,
while the TPS2393 periodically retries the load in the
event of a fault.




Similar Part No. - TPS2393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
561Kb / 34P
FULL-FEATURED-48-V HOTSWAP POWER MANAGER
TPS2393A TI-TPS2393A Datasheet
614Kb / 29P
-48-V HOT SWAP WITH INSERTION AND REMOVAL DETECTION DELAY
TPS2393A TI1-TPS2393A Datasheet
824Kb / 31P
-48-V HOT SWAP WITH INSERTION AND REMOVAL DETECTION DELAY
TPS2393A TI2-TPS2393A Datasheet
656Kb / 32P
-48-V HOT SWAP WITH INSERTION AND REMOVAL DETECTION DELAY
JULY 2004
More results


Similar Description - TPS2393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2392 TI-TPS2392_07 Datasheet
561Kb / 34P
FULL-FEATURED-48-V HOTSWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
??8-V Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
??V to ??5V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
logo
Analog Devices
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
??8-V Hot Swap Power Manager
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com