Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2394 Datasheet (PDF) - Texas Instruments

TPS2394 Datasheet PDF - Texas Instruments
Part # TPS2394
Download  TPS2394 Download
File Size   513.12 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description –48-V Hot Swap Power Manager

TPS2394 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2394 Datasheet PDF - Texas Instruments

Part # TPS2394
Download  TPS2394 Click to download

File Size   513.12 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description –48-V Hot Swap Power Manager

TPS2394 Datasheet (HTML) - Texas Instruments


TPS2394 Product details

1FEATURES
• Operating Supply Range of –12 V to –80 V
• Withstands Transients to –100 V
• Programmable Current Limit
• Programmable Linear Inrush Slew Rate
• Programmable UV/OV Thresholds
• Programmable UV and OV Hysteresis
• Fault Timer to Eliminate Nuisance Trips
• Power Good and Fault Outputs
• 14-Pin TSSOP Package

APPLICATIONS
• –48-V Distributed Power Systems
• Central Office Switching
• ATCA Systems
• Base Stations

DESCRIPTION
The TPS2394 is a hot swap power manager which
can provide inrush limit, over current protection, short
circuit protection. The TPS2394 operates with supply
voltages from −12 V to −80 V, and withstands input
transient to −100 V.
The TPS2394 uses a power FET to provide load
current slew rate control and peak current limiting that
is programmed by one resistor and one capacitor.
The device also provides a power good output to
enable down-stream power converters and a fault
output to indicate load problems.




Similar Part No. - TPS2394

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394 Datasheet
676Kb / 20P
??8-V Hot Swap Power Manager
TPS2394PW TI1-TPS2394PW Datasheet
340Kb / 18P
??8-V Hot Swap Power Manager
TPS2394PW TI1-TPS2394PW Datasheet
676Kb / 20P
??8-V Hot Swap Power Manager
TPS2394PWR TI1-TPS2394PWR Datasheet
676Kb / 20P
??8-V Hot Swap Power Manager
More results


Similar Description - TPS2394

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
-48 V Hot Swap Controller
REV.0
logo
Texas Instruments
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
??8-V Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
??V to ??5V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
??8-V Hot Swap Power Manager
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com