Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2390 Datasheet (PDF) - Texas Instruments

TPS2390 Datasheet PDF - Texas Instruments
Part # TPS2390
Download  TPS2390 Download
File Size   515.99 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SIMPLE -48-V HOT SWAP CONTROLLER

TPS2390 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2390 Datasheet PDF - Texas Instruments

Part # TPS2390
Download  TPS2390 Click to download

File Size   515.99 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SIMPLE -48-V HOT SWAP CONTROLLER

TPS2390 Datasheet (HTML) - Texas Instruments


TPS2390 Product details

FEATURES
Wide Input Supply Range: −36 V to −80 V
Transient Rating to −100 V
Programmable Current Limit
Programmable Current Slew Rate
Enable Input (EN)
Fault Timer to Eliminate Nuisance Trips
Open-Drain Fault Output (FAULT)
Requires Few External Components
8-Pin MSOP Package

APPLICATIONS
−48-V Distributed Power Systems
Central Office Switching
Wireless Base Station

DESCRIPTION
The TPS2390 and TPS2391 integrated circuits
are hot swap power managers optimized for use
in nominal −48-V systems. They are designed for
supply voltage ranges up to −80 V, and are rated
to withstand spikes to −100 V. In conjunction with
an external N-channel FET and sense resistor,
they can be used to enable live insertion of plug-in
cards and modules in powered systems. Both
devices provide load current slew rate and peak
magnitude limiting, easily programmed by sense
resistor value and a single-external capacitor.
They also provide single-line fault reporting,
electrical isolation of faulty cards, and protection
against nuisance overcurrent trips. The TPS2390
latches off in response to current faults, while the
TPS2391 periodically retries the load in the event
of a fault.




Similar Part No. - TPS2390

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
SIMPLE-48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
653Kb / 21P
SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390DGK TI-TPS2390DGK Datasheet
283Kb / 16P
SIMPLE-48-V HOT SWAP CONTROLLER
TPS2390DGK TI-TPS2390DGK Datasheet
653Kb / 21P
SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390DGKG4 TI-TPS2390DGKG4 Datasheet
653Kb / 21P
SIMPLE -48-V HOT SWAP CONTROLLER
More results


Similar Description - TPS2390

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
Texas Instruments
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
SIMPLE-48-V HOT SWAP CONTROLLER
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
-48 V Hot Swap Controller
REV.0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
SIMPLE -48-V HOT SWAP CONTROLLER
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
-48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
Analog Devices
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
48 V Hot Swap Controller
REV. 0
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
Full-Feature 48 V Hot Swap Controller
REV. B
logo
Linear Technology
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
-48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com