Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2848 Datasheet (PDF) - Texas Instruments

TPS2848 Datasheet PDF - Texas Instruments
Part # TPS2848
Download  TPS2848 Download
File Size   660.85 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DRIVE REGULATOR

TPS2848 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2848 Datasheet PDF - Texas Instruments

Part # TPS2848
Download  TPS2848 Click to download

File Size   660.85 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DRIVE REGULATOR

TPS2848 Datasheet (HTML) - Texas Instruments


TPS2848 Product details

FEATURES
Integrated Drive Regulator (4 V to 14 V)
Adjustable/Adaptive Dead-Time Control
4-A Peak current at VDRV of 14 V
10-V to 15-V Supply Voltage Range
TTL-Compatible Inputs
Internal Schottky Diode Reduces Part Count
Synchronous or Nonsynchronous Operation
Inverting and Noninverting Options
TSSOP PowerPad Package for Excellent
Thermal Performance

APPLICATIONS
Single or Multiphase Synchronous-Buck
Power Supplies
High-Current DC/DC Power Modules

DESCRIPTION
The TPS2838/39/48/49 devices are MOSFET
drivers designed for high-performance
synchronous power supplies. The drivers can
source and sink up to 4-A peak current at a 14-V
drive voltage. These are ideal devices to use with
power supply controllers that do not have on-chip
drivers. The low-side driver is capable of driving
loads of 3.3 nF in 10-ns rise/fall times and has
40-ns propagation delays at room temperature.
The MOSFET drivers have an integrated 150-mA
regulator, so the gate drive voltage can be
optimized for specific MOSFETs. The TPS2848
and TPS2849 have a fixed 8-V drive regulator,
while the TPS2838/39 allow the drive regulator to
be adjusted from 4 V to 14 V by selection of two
external resistors.
The devices feature VDRV to PGND shootthrough
protection with adaptive/adjustable
deadtime control. The deadtime, for turning on the
high-side FET from LOWDR transitioning low, is
adjustable with an external capacitor on the
DELAY pin. This allows compensation for the
effect the gate resistor has on the synchronous
FET turn off. The adaptive deadtime prevents the
turning on of the low-side FET until the voltage on
the BOOTLO pin falls below a threshold after the
high-side FET stops conducting. The high-side
drive can be configured as a ground referenced
driver or a floating bootstrap driver. The internal
Schottky diode minimizes the size and number of
external components needed for the bootstrap
driver circuit. Only one external ceramic capacitor
is required to configure the bootstrap driver.




Similar Part No. - TPS2848

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2848 TI-TPS2848 Datasheet
283Kb / 20P
SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
TPS2848 TI1-TPS2848 Datasheet
657Kb / 28P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2848PWP TI-TPS2848PWP Datasheet
283Kb / 20P
SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
TPS2848PWPR TI-TPS2848PWPR Datasheet
283Kb / 20P
SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
More results


Similar Description - TPS2848

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2838 TI-TPS2838 Datasheet
283Kb / 20P
SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
Synchronous-Rectified Buck MOSFET Drivers
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
HIP6601A RENESAS-HIP6601A Datasheet
489Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com