Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3510DR Datasheet (PDF) - Texas Instruments

TPS3510DR Datasheet PDF - Texas Instruments
Part # TPS3510DR
Download  TPS3510DR Download
File Size   570.17 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PC POWER SUPPLY SUPERVISORS

TPS3510DR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3510DR Datasheet PDF - Texas Instruments

Part # TPS3510DR
Download  TPS3510DR Click to download

File Size   570.17 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PC POWER SUPPLY SUPERVISORS

TPS3510DR Datasheet (HTML) - Texas Instruments


TPS3510DR Product details

Overvoltage Protection and Lockout for
12 V, 5 V, 3.3 V
Undervoltage Protection and Lockout for
5 V and 3.3 V
Fault Protection Output With Open-Drain
Output Stage
Open-Drain Power Good Output Signal for
Power Good Input, 3.3 V and 5 V
Power Good Delay; 300-ms TPS3510,
150-ms TPS3511
75-ms Delay for 5-V and 3.3-V Power
Supply Short-Circuit Turnon Protection
2.3-ms PSON Control to FPO Turnoff Delay
38-ms PSON Control Debounce
73-μs Width Noise Deglitches
Wide Supply Voltage Range From 4 V
to 15 V

description
The TPS3510/1 is designed to minimize external components of personal-computer switching power supply
systems. It provides protection circuits, power good indicator, fault protection output (FPO) and PSON control.
Overvoltage protection (OVP) monitors 3.3 V, 5 V, and 12 V (12-V signal detects via VDD pin). Undervoltage
protection (UVP) monitors 3.3 V and 5 V. When an OV or UV condition is detected, the power good output (PGO)
is set to low and FPO is latched high. PSON from low to high resets the protection latch. UVP function is enabled
75 ms after PSON is set low and debounced. Furthermore, there is a 2.3-ms delay (and an additional 38-ms
debounce) at turnoff. There is no delay during turnon.
Power good feature monitors PGI, 3.3 V and 5 V and issues a power good signal when the output is ready.
The TPS3510/1 is characterized for operation from –40°C to 85°C.




Similar Part No. - TPS3510DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
PC POWER SUPPLY SUPERVISORS
TPS3510DR TI1-TPS3510DR Datasheet
529Kb / 18P
PC POWER SUPPLY SUPERVISORS
TPS3510DRG4 TI1-TPS3510DRG4 Datasheet
529Kb / 18P
PC POWER SUPPLY SUPERVISORS
More results


Similar Description - TPS3510DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
PC Power Supply Supervisors
logo
Texas Instruments
LP7510 TI-LP7510 Datasheet
2Mb / 12P
PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
PC Power Supply Supervisors
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
PC Power Supply Supervisors
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3525 UTC-S3525 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
PC POWER SUPPLY SUPERVISORS
logo
Unisonic Technologies
3510 UTC-3510_15 Datasheet
328Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com