Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT27A Datasheet (PDF) - STMicroelectronics

74VHCT27A Datasheet PDF - STMicroelectronics
Part # 74VHCT27A
Download  74VHCT27A Download
File Size   50.72 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 3-INPUT NOR GATE

74VHCT27A Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT27A Datasheet PDF - STMicroelectronics

Part # 74VHCT27A
Download  74VHCT27A Click to download

File Size   50.72 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 3-INPUT NOR GATE

74VHCT27A Datasheet (HTML) - STMicroelectronics


74VHCT27A Product details

DESCRIPTION
The 74VHCT27A is an advanced high-speed CMOS TRIPLE 3-INPUT NOR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
The internal circuit is composed of 3 stages including buffer output, which provides high noise immunity and stable output.
Power down protection is provided on all inputs and outputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC =2 µA (MAX.) at TA = 25 °C
■ COMPATIBLEWITH TTL OUTPUTS: VIH = 2V (MIN), VIL = 0.8V(MAX)
■ POWERDOWN PROTECTIONON INPUTS & OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN)
■ BALANCEDPROPAGATIONDELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGERANGE: VCC (OPR)= 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 27
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74VHCT27A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT273 STMICROELECTRONICS-74VHCT273 Datasheet
69Kb / 9P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
Nov-1999
74VHCT273A STMICROELECTRONICS-74VHCT273A Datasheet
69Kb / 9P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
Nov-1999
74VHCT273A STMICROELECTRONICS-74VHCT273A Datasheet
302Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
16-Dec-2004
74VHCT273AM STMICROELECTRONICS-74VHCT273AM Datasheet
69Kb / 9P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
Nov-1999
74VHCT273AMTR STMICROELECTRONICS-74VHCT273AMTR Datasheet
302Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
16-Dec-2004
More results


Similar Description - 74VHCT27A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
Triple 3-Input NOR gate
1991 Feb 08
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
TRIPLE 3-INPUT NOR GATE
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
Triple 3-Input NOR Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
Triple 3-Input NOR Gate
logo
STMicroelectronics
74VHC27 STMICROELECTRONICS-74VHC27_04 Datasheet
199Kb / 10P
TRIPLE 3-INPUT NOR GATE
12-Nov-2004
logo
IK Semicon Co., Ltd
IN74HC27A IKSEMICON-IN74HC27A Datasheet
183Kb / 5P
Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
Triple 3-Input NOR Gate
2019-01-31
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com