Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3847 Datasheet (PDF) - Texas Instruments

TPS3847 Datasheet PDF - Texas Instruments
Part # TPS3847
Download  TPS3847 Download
File Size   671.67 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3847 18-V, 380-nA Voltage Monitor

TPS3847 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3847 Datasheet PDF - Texas Instruments

Part # TPS3847
Download  TPS3847 Click to download

File Size   671.67 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3847 18-V, 380-nA Voltage Monitor

TPS3847 Datasheet (HTML) - Texas Instruments


TPS3847 Product details

1 Features
1• Ultralow Supply Current: 380 nA
• Wide Supply Voltage Range: 4.5 V to 18 V
• High Threshold Accuracy: ±2.5%
• Internal Hysteresis
• Push-Pull Output
• 20-ms (max) Delay Timing
• Factory-Trimmed, Fixed-Voltage Thresholds
• Specified Operating Temperature Range:
–40°C to +85°C
• Operational from –40°C to +105°C
• Package: 5-Pin SOT

industry2
Applications
• Portable and Battery-Powered Equipment
• Desktops, Notebooks, and Ultrabooks
• Industrial Systems
• Servers
• Security Systems

3 Description
The TPS3847 family consists of wide operating
voltage, ultralow-current devices that monitor the voltage at the supply pin. The device asserts an
active-low reset signal whenever the VCC supply
voltage drops below the factory-trimmed reset
threshold voltage. The reset output remains asserted for 20 ms (max) after the VCC voltage rises above
the threshold voltage.
The ultralow current consumption of 380 nA
combined with 18-V capability makes the TPS3847
ideal for use in low-power and portable applications.
The TPS3847 features precision, factory-trimmed
threshold voltages and extremely low-power
operation. The TPS3847 is available in an industry2
standard, 5-pin, SOT package.




Similar Part No. - TPS3847

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3847 TI1-TPS3847 Datasheet
1,012Kb / 23P
18-V, 380-nA Voltage Monitor
TPS3847085DBVR TI1-TPS3847085DBVR Datasheet
1,012Kb / 23P
18-V, 380-nA Voltage Monitor
TPS3847085DBVT TI1-TPS3847085DBVT Datasheet
1,012Kb / 23P
18-V, 380-nA Voltage Monitor
TPS3847108DBVR TI1-TPS3847108DBVR Datasheet
1,012Kb / 23P
18-V, 380-nA Voltage Monitor
TPS3847108DBVT TI1-TPS3847108DBVT Datasheet
1,012Kb / 23P
18-V, 380-nA Voltage Monitor
More results


Similar Description - TPS3847

ManufacturerPart #DatasheetDescription
logo
EPCOS
B597XXB EPCOS-B597XXB Datasheet
106Kb / 6P
Leaded Disks, Uncoated, 380 V to 1000 V
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
Voltage Monitor
logo
AAEON Technology
APD-7181 AAEON-APD-7181 Datasheet
761Kb / 2P
18 TFT Industrial Display Monitor
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
SUPPLY VOLTAGE MONITOR
JULY 2006
logo
Texas Instruments
TPS3847 TI1-TPS3847 Datasheet
1,012Kb / 23P
18-V, 380-nA Voltage Monitor
TPS3899 TI-TPS3899 Datasheet
999Kb / 23P
Nano 125 nA IQ, 1% Accurate Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899 TI-TPS3899_V01 Datasheet
1Mb / 25P
Nano 125 nA IQ, 1% Accurate Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com