Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5100IPW Datasheet (PDF) - Texas Instruments

TPS5100IPW Datasheet PDF - Texas Instruments
Part # TPS5100IPW
Download  TPS5100IPW Download
File Size   377.22 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE-CHANNEL PWM CONTROL CIRCUITS

TPS5100IPW Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS5100IPW Datasheet PDF - Texas Instruments

Part # TPS5100IPW
Download  TPS5100IPW Click to download

File Size   377.22 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE-CHANNEL PWM CONTROL CIRCUITS

TPS5100IPW Datasheet (HTML) - Texas Instruments


TPS5100IPW Product details

Low Voltage Operation . . . 2.5 V to 7 V
Low Power . . . 3. 5 mA
(f = 500 kHz, Duty = 50%)
Internal Undervoltage Lockout Protection
Internal Short Circuit Protection
Wide Operating Frequency . . . 50 kHz to
1 MHz
Internal Precision Reference . . . 1.25 V ±1%
(25°C)
On/Off Switch for CH1/3 Pair and Ch2 (see
Function Table)
0 to 100% Dead Time Control
Totem Pole Output Stage
Smal l Package . . . 16 Pin TSSOP

description
The TPS5100 is a triple PWM control circuit, primarily designed to compose the power supply for LCD display.
Each PWM channel has own error amplifier, PWM comparator, dead-time control and output driver. The
trimmed voltage reference, oscillator, undervoltage lockout and short circuit protection are common for all
channels.
This device includes two boost exclusive circuits (ch1,3) and a buck-boost exclusive circuit (ch2). The operating
frequency is set with external resister and capacitor, and dead time is continuously adjustable form 0% to 100%
duty cycle with resistive divider network. Soft start function can be implemented by adding a capacitor to dead
time divider network. Two dead time control inputs are assigned for ch1,3 pair and ch2 individually and each
dead time control input can be used to control on/off operation. TPS5100 can operate from 2.5 V supply voltage
and ch1,3 pair and ch2 operate with reverse phase switching each other to achieve efficient operation in low
power and battery powered system.
The TPS5100 is characterized for operation from –20°C to 85°C.




Similar Part No. - TPS5100IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5100IPW TI1-TPS5100IPW Datasheet
780Kb / 15P
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
TPS5100IPWR TI1-TPS5100IPWR Datasheet
780Kb / 15P
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
More results


Similar Description - TPS5100IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5100 TI-TPS5100 Datasheet
165Kb / 11P
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
logo
Advanced Analogic Techn...
AAT1100 ANALOGICTECH-AAT1100 Datasheet
473Kb / 15P
TRIPLE-CHANNEL PWM CONTROLLER
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Texas Instruments
TPS5100IPWR TI1-TPS5100IPWR Datasheet
780Kb / 15P
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Shenzhen Huazhimei Semi...
HM3136 HMSEMI-HM3136 Datasheet
820Kb / 7P
PWM CONVERTER CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com