Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS727 Datasheet (PDF) - Texas Instruments

TPS727 Datasheet PDF - Texas Instruments
Part # TPS727
Download  TPS727 Download
File Size   662.61 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator

TPS727 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS727 Datasheet PDF - Texas Instruments

Part # TPS727
Download  TPS727 Click to download

File Size   662.61 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator

TPS727 Datasheet (HTML) - Texas Instruments


TPS727 Product details

1 Features
1• Very Low Dropout:
– 65 mV Typical at 100 mA
– 130 mV Typical at 200 mA
– 163 mV Typical at 250 mA
• 2% Accuracy Over Load, Line, Temperature
• Ultralow IQ: 7.9 μA
• Excellent Load Transient Performance:±50 mV for
200 mA Loading and Unloading Transient chip•
Available in Fixed-Output Voltages From 0.9 V to
5 V Using Innovative Factory EEPROM
Programming
• High PSRR: 70 dB at 1 kHz
• Stable with a 1.0-μF Ceramic Capacitor
• Thermal Shutdown and Overcurrent Protection
• Available in 4-Ball, 0.4-mm Pitch Wafer-Level
Chip Scale and 1.5-mm × 1.5-mm SON Packages

2 Applications
• Wireless Handsets, Smart Phones, PDAs
• MP3 Players and Other Handheld Products
• Wireless LAN, Bluetooth®, Zigbee®
• Remote Controls
• Portable Consumer Products

3 Description
The TPS727 family of low-dropout (LDO) linear
regulators are ultralow quiescent current LDOs with excellent line and ultra-fast load transient
performance and are designed for power-sensitive
applications. The LDO output voltage level is preset
by the use of innovative factory EEPROM programming. A precision band-gap and error
amplifier provides overall 2% accuracy over load, line,
and temperature extremes. The TPS727 family is
available in 1.5-mm × 1.5-mm SON and wafer chip•
scale (WCSP) packages that make the devices ideal
for handheld applications. This family of devices is fully specified over a temperature range of TJ =
–40°C to +125°C.




Similar Part No. - TPS727

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS727 TI-TPS727 Datasheet
1Mb / 37P
TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727 Datasheet
1Mb / 36P
TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
TPS727 TI2-TPS727 Datasheet
669Kb / 36P
TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
REVISED DECEMBER 2015
TPS72710 TI1-TPS72710 Datasheet
772Kb / 23P
250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727105YFFR TI1-TPS727105YFFR Datasheet
1Mb / 36P
Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
More results


Similar Description - TPS727

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI-TPS727XX_1 Datasheet
546Kb / 20P
250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72710 TI1-TPS72710 Datasheet
772Kb / 23P
250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI-TPS727 Datasheet
1Mb / 37P
TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS727 TI1-TPS727_15 Datasheet
1Mb / 36P
Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com