Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS797 Datasheet (PDF) - Texas Instruments

TPS797 Datasheet PDF - Texas Instruments
Part # TPS797
Download  TPS797 Download
File Size   462.26 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT

TPS797 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS797 Datasheet PDF - Texas Instruments

Part # TPS797
Download  TPS797 Click to download

File Size   462.26 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT

TPS797 Datasheet (HTML) - Texas Instruments


TPS797 Product details

FEATURES
Qualified for Automotive Applications
10-mA Low-Dropout Regulator
Ultralow 1.2-μA Quiescent Current at 10 mA
5-Pin SC70/SOT-323 (DCK) Package
Integrated Power Good Output
Stable With Any Capacitor (>0.47 μF)
Dropout Voltage Typically 105 mV at 10 mA
(TPS79733)
Over Current Limitation
−40°C to 125°C Operating Junction
Temperature Range

APPLICATIONS
Battery Powered Microcontrollers and
Microprocessors

DESCRIPTION
The TPS797xx family of low-dropout (LDO) voltage
regulators offers the benefits of low-dropout voltage and
ultralow-power operation. The device is stable with any
capacitor (>0.47 μF). Therefore, implementations of
this device require little board space due to the
miniaturized packaging and potentially small output
capacitor. In addition, the family includes an integrated
open drain active-high power good (PG) output.
Intended for use in microcontroller based,
battery-powered applications, the TPS797xx family’s
low dropout and ultralow-powered operation results in
a significant increase in system battery operating life.
The small packaging minimizes consumption of board
space.
The device is enabled when the applied voltage
exceeds the minimum input voltage. The usual PNP
pass transistor has been replaced by a PMOS pass
element. Because the PMOS pass element behaves as
a low-value resistor, the dropout voltage is low, typically
105 mV at 10 mA of load current and is directly
proportional to the load current. The quiescent current
is ultralow (1.2 μA typically) and is stable over the entire
range of output load current (0 mA to 10 mA). When
properly configured with a pullup resistor, the PG output
can be used to implement a power-on reset or low
battery indicator. The TPS797xx is offered in 1.8-V, 3-V,
and 3.3-V fixed options.




Similar Part No. - TPS797

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS797 TI-TPS797 Datasheet
905Kb / 18P
Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS797 TI2-TPS797 Datasheet
608Kb / 21P
TPS797xx Ultra-Low IQ, 50-mA Low-Dropout Linear Regulators With Power Good Output in SC70 Package
REVISED DECEMBER 2016
TPS797-Q1 TI1-TPS797-Q1 Datasheet
330Kb / 15P
ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS797-Q1 TI2-TPS797-Q1 Datasheet
608Kb / 21P
TPS797xx Ultra-Low IQ, 50-mA Low-Dropout Linear Regulators With Power Good Output in SC70 Package
REVISED DECEMBER 2016
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results


Similar Description - TPS797

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI-TPS79718-Q1 Datasheet
236Kb / 13P
ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718 TI1-TPS79718_12 Datasheet
636Kb / 17P
Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS797 TI-TPS797 Datasheet
905Kb / 18P
Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI-TPS79718-Q1_15 Datasheet
318Kb / 15P
ULTRALOW-POWER SC70/SOR-323 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI1-TPS79718-Q1_16 Datasheet
330Kb / 15P
ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com