Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS79718 Datasheet (PDF) - Texas Instruments

TPS79718 Datasheet PDF - Texas Instruments
Part # TPS79718
Download  TPS79718 Download
File Size   608.08 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS797xx Ultra-Low IQ, 50-mA Low-Dropout Linear Regulators With Power Good Output in SC70 Package

TPS79718 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS79718 Datasheet PDF - Texas Instruments

Part # TPS79718
Download  TPS79718 Click to download

File Size   608.08 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS797xx Ultra-Low IQ, 50-mA Low-Dropout Linear Regulators With Power Good Output in SC70 Package

TPS79718 Datasheet (HTML) - Texas Instruments


TPS79718 Product details

1 Features
1• 50-mA Low-Dropout Regulator
• Ultra-Low 1.2-μA Quiescent Current at 10 mA
• 5-Pin SC70 (DCK) Package
• Integrated Power Good Output
• Stable With Any Capacitor Greater Than 0.47 μF
• Typical Dropout Voltage of 105 mV at 10 mA
(TPS79733)
• Over-Current Limitation
• Operating Junction Temperature Range of –40°C
to 85°C

2 Applications
• Battery-Powered Microcontrollers and
Microprocessors

3 Description
The TPS797xx family of low-dropout voltage
regulators (LDOs) offers the benefits of low-dropout
voltage and ultra-low-power operation. The device is
stable with any capacitor greater than 0.47-μF.
Therefore, implementations of this device require very
little board space due to the miniaturized packaging
and potentially small output capacitor. In addition, the
family includes an integrated open drain active-high
power good (PG) output. Intended for use in
microcontroller-based, battery-powered applications,
the TPS797xx family low dropout and ultra-low-power
operation result in a significant increase in system
battery operating life. The small packaging minimizes
consumption of board space.
The device is enabled when the applied voltage
exceeds the minimum input voltage. The usual PNP
pass transistor has been replaced by a PMOS pass
element. Because the PMOS pass element behaves
as a low-value resistor, the dropout voltage is very
low (typically, 105 mV at 10-mA of load current), and
is directly proportional to the load current. The
quiescent current is ultra-low (1.2-μA, typically) and is
stable over the entire range of output load current
(0 mA to 50 mA). When properly configured with a
pullup resistor, the PG output can implement a
power-on reset or low-battery indicator.




Similar Part No. - TPS79718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI2-TPS79718-EP Datasheet
972Kb / 17P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
REVISED OCTOBER 2007
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI-TPS79718-Q1 Datasheet
236Kb / 13P
ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
More results


Similar Description - TPS79718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77001 TI-TPS77001 Datasheet
230Kb / 16P
ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS79718 TI1-TPS79718_12 Datasheet
636Kb / 17P
Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS797 TI-TPS797 Datasheet
905Kb / 18P
Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS7A25 TI1-TPS7A25_19 Datasheet
884Kb / 21P
300-mA, 18-V, ultra-low-IQ, low-dropout linear voltage regulator with power good
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com