Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0800730 Datasheet (PDF) - PHOENIX CONTACT

0800730 Datasheet PDF - PHOENIX CONTACT
Part # 0800730
Download  0800730 Download
File Size   196.34 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMS 12,7 (EX20)R BK CUS - Shrink sleeve

0800730 Datasheet (PDF)

Go To PDF Page Download Datasheet
0800730 Datasheet PDF - PHOENIX CONTACT

Part # 0800730
Download  0800730 Click to download

File Size   196.34 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMS 12,7 (EX20)R BK CUS - Shrink sleeve

0800730 Datasheet (HTML) - PHOENIX CONTACT


0800730 Product details

Shrink sleeve, Roll, black, cable diameter range: 4.2 ... 12.7 mm: user-defined, perforated or cut,
mounting type: slide-on, text field height: 30000 mm, text field width: 20 mm




Similar Part No. - 0800730

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800731 PHOENIX-0800731 Datasheet
194Kb / 7P
WMS 19,1 (EX30)R BK CUS - Shrink sleeve
0800732 PHOENIX-0800732 Datasheet
195Kb / 7P
WMS 25,4 (EX40)R BK CUS - Shrink sleeve
0800733 PHOENIX-0800733 Datasheet
195Kb / 7P
WMS 38,1 (EX60)R BK CUS - Shrink sleeve
0800734 PHOENIX-0800734 Datasheet
46Kb / 2P
Flat zack marker sheet - ZBFM 8/WH:UNBEDRUCKT
0800735 PHOENIX-0800735 Datasheet
186Kb / 6P
WMS 50,8 (EX80)R BK CUS - Shrink sleeve
More results


Similar Description - 0800730

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
1014303 PHOENIX-1014303 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R
1014304 PHOENIX-1014304 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R SR
1014305 PHOENIX-1014305 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R YE
0801671 PHOENIX-0801671 Datasheet
67Kb / 4P
Blind sleeve - CES-LRG-BK
09/11/2020
0801718 PHOENIX-0801718 Datasheet
72Kb / 4P
Cable sleeve - CES-SRC-BK
09/11/2020
0801719 PHOENIX-0801719 Datasheet
57Kb / 3P
Cable sleeve - CES-LRC-BK
10/10/2014
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com