Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW1255N Datasheet (PDF) - Europa PLC

IPW1255N Datasheet PDF - Europa PLC
Part # IPW1255N
Download  IPW1255N Download
File Size   261.37 Kbytes
Page   1 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description IP67 Weatherproof Industrial Plugs 415V 125A 3P N E

IPW1255N Datasheet (PDF)

Go To PDF Page Download Datasheet
IPW1255N Datasheet PDF - Europa PLC

Part # IPW1255N
Download  IPW1255N Click to download

File Size   261.37 Kbytes
Page   1 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description IP67 Weatherproof Industrial Plugs 415V 125A 3P N E

IPW1255N Datasheet (HTML) - Europa PLC




Similar Part No. - IPW1255N

ManufacturerPart #DatasheetDescription
logo
Europa PLC
IPW1253P EUROPA-IPW1253P Datasheet
261Kb / 1P
IP67 Weatherproof Industrial Plugs 230V 125A 2P E
IPW1254N EUROPA-IPW1254N Datasheet
297Kb / 1P
IP67 Weatherproof Industrial Plugs 415V 125A 3P E
More results


Similar Description - IPW1255N

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
84727-1002 MOLEX2-84727-1002 Datasheet
401Kb / 3P
Industrial USB Plugs and Receptacles
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
Industrial IP67 Waterproof Connectors
logo
Schneider Electric
EDB34125SA SCHNEIDER-EDB34125SA Datasheet
144Kb / 2P
E-Frame Brkr 125A, 3P, 480Y/277V, 18/25kA, Bolt-on Mnt, Shunt Trip
Jun 11, 2020
EGB34125SA SCHNEIDER-EGB34125SA Datasheet
144Kb / 2P
E-Frame Brkr 125A, 3P, 480Y/277V, 35/65kA, Bolt-on Mnt, Shunt Trip
Jun 11, 2020
EJB34125 SCHNEIDER-EJB34125 Datasheet
133Kb / 2P
E-Frame Brkr 125A, 3P, 480Y/277V, 65/100kA, Bolt-on Mnt
Jun 11, 2020
EJB34125SA SCHNEIDER-EJB34125SA Datasheet
144Kb / 2P
E-Frame Brkr 125A, 3P, 480Y/277V, 65/100kA, Bolt-on Mnt, Shunt Trip
Jun 11, 2020
EGB34125LC SCHNEIDER-EGB34125LC Datasheet
119Kb / 2P
E-Frame Brkr 125A, 3P, 480Y/277V, 35/65kA, Bolt-on Mnt, Copper Lugs
Jun 17, 2020
EGB36030SA SCHNEIDER-EGB36030SA Datasheet
138Kb / 2P
E-Frame Brkr 125A, 3P, 480Y/277V, 35/65kA, Bolt-on Mnt, Shunt Trip
Jun 17, 2020
DF223NC SCHNEIDER-DF223NC Datasheet
153Kb / 3P
Fuse carrier TeSys DF, 3PN 125A, fuse size 22x58 mm
Jul 12, 2021
DF223NC SCHNEIDER-DF223NC_V01 Datasheet
166Kb / 3P
Fuse carrier TeSys DF, 3PN 125A, fuse size 22x58 mm
Jun 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com