Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP633P Datasheet (PDF) - Europa PLC

IP633P Datasheet PDF - Europa PLC
Part # IP633P
Download  IP633P Download
File Size   372.81 Kbytes
Page   1 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description IP44 63A Industrial Plug 6h

IP633P Datasheet (PDF)

Go To PDF Page Download Datasheet
IP633P Datasheet PDF - Europa PLC

Part # IP633P
Download  IP633P Click to download

File Size   372.81 Kbytes
Page   1 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description IP44 63A Industrial Plug 6h

IP633P Datasheet (HTML) - Europa PLC


IP633P Product details

• Conforms to EN/IEC BS IEC 60309-2
• IP44 rated
• Operating temperature: -25 °C to +40 °C.




Similar Part No. - IP633P

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP63 BEL-IP63 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
More results


Similar Description - IP633P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
65N06 ISC-65N06 Datasheet
136Kb / 2P
Drain Current ?밒D=63A@ TC=25C
logo
Tripp Lite. All Rights ...
N206-FP01-IND TRIPPLITE-N206-FP01-IND Datasheet
159Kb / 2P
Bulkhead Wall Plate, 1 Cutout, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
N206-FP02-IND TRIPPLITE-N206-FP02-IND Datasheet
159Kb / 2P
Bulkhead Wall Plate, 2 Cutouts, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
N206-FP04-IND TRIPPLITE-N206-FP04-IND Datasheet
163Kb / 2P
Bulkhead Wall Plate, 4 Cutouts, Industrial, Metal - Stainless Steel, IP44, Double Gang, TAA
logo
PHOENIX CONTACT
1213146 PHOENIX-1213146 Datasheet
47Kb / 2P
Crimping pliers - CRIMPFOX CENTRUS 6H
logo
Schneider Electric
VLS1P063R1S SCHNEIDER-VLS1P063R1S Datasheet
81Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 63A, for 63A switch, size 1, DIN rail
Jul 18, 2021
logo
PHOENIX CONTACT
1212046 PHOENIX-1212046 Datasheet
60Kb / 3P
Crimping pliers - CRIMPFOX 6H
09/11/2020
logo
Schneider Electric
VLS1P063R1S SCHNEIDER-VLS1P063R1S_V01 Datasheet
93Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 63A, for 63A switch, size 1, DIN rail
Jun 27, 2022
logo
Amphenol Communications...
P-DRPC2-XXXX-XXXX AMPHENOLCS-P-DRPC2-XXXX-XXXX Datasheet
503Kb / 2P
INDUSTRIAL PLUG CABLE ASSEMBLY, INDUSTRIAL RJ PLUG INDUSTRIAL RJ PLUG-RoHS COMPLIANT
Rev. B
logo
ABB
3125P6W ABB-3125P6W Datasheet
338Kb / 4P
3125P6W Industrial Plug
2023/06/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com