Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2RI150E Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

2RI150E Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # 2RI150E
Download  2RI150E Download
File Size   158.62 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description POWER DIODE MODULE 600V,800V / 150A 2 in one-package

2RI150E Datasheet (PDF)

Go To PDF Page Download Datasheet
2RI150E Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # 2RI150E
Download  2RI150E Click to download

File Size   158.62 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description POWER DIODE MODULE 600V,800V / 150A 2 in one-package

2RI150E Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


2RI150E Product details

POWER DIODE MODULE

600V,800V / 150A 2 in one-package

Features
• Glass Passivation Chip
• Easy Connection
• Insulated Type

Applications
• Inverters
• Battery Chargers
• DC Motors
• General Purpose DC Power Supplies




Similar Part No. - 2RI150E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2RI150E FUJI-2RI150E Datasheet
105Kb / 4P
POWER DIODE MODULE
More results


Similar Description - 2RI150E

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC1508 NIEC-PC1508 Datasheet
210Kb / 3P
DIODE MODULE 150A/800V
PD1518 NIEC-PD1518 Datasheet
172Kb / 6P
DIODE MODULE - 150A/800V
PT150S8 NIEC-PT150S8 Datasheet
126Kb / 3P
DIODE MODULE 150A/800V
PT151S8 NIEC-PT151S8 Datasheet
50Kb / 5P
DIODE MODULE 150A/800V
logo
Fuji Electric
2MBI150U2A-060 FUJI-2MBI150U2A-060 Datasheet
103Kb / 4P
IGBT Module U-Series 600V / 150A 2 in one-package
logo
List of Unclassifed Man...
1FI150B-060 ETC2-1FI150B-060 Datasheet
83Kb / 2P
600V / 150A 1 in one-package FAST RECOVERY DIODE MODULE
logo
Fuji Electric
6MBP150RTB060 FUJI-6MBP150RTB060 Datasheet
736Kb / 8P
600V / 150A 6 in one-package
6MBP150RA060 FUJI-6MBP150RA060 Datasheet
357Kb / 7P
600V / 150A 6 in one-package
1FI150B-060 FUJI-1FI150B-060 Datasheet
86Kb / 2P
600V / 150A 1 in one-package
2MBI150VA-060-50 FUJI-2MBI150VA-060-50 Datasheet
457Kb / 6P
IGBT MODULE (V series) 600V / 150A / 2 in one package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com