Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWM-R30881XBB Datasheet (PDF) - Lucky Light Electronic

KWM-R30881XBB Datasheet PDF - Lucky Light Electronic
Part # KWM-R30881XBB
Download  KWM-R30881XBB Download
File Size   117.65 Kbytes
Page   6 Pages
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic
Description 3.0*3.0mm (1.2") 8×8 Blue Dot Matrix LED Displays

KWM-R30881XBB Datasheet (PDF)

Go To PDF Page Download Datasheet
KWM-R30881XBB Datasheet PDF - Lucky Light Electronic

Part # KWM-R30881XBB
Download  KWM-R30881XBB Click to download

File Size   117.65 Kbytes
Page   6 Pages
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic
Description 3.0*3.0mm (1.2") 8×8 Blue Dot Matrix LED Displays

KWM-R30881XBB Datasheet (HTML) - Lucky Light Electronic


KWM-R30881XBB Product details

Features:
◇ 1.2inch (31.7mm) Matrix height.
◇ Colors: Blue.
◇ Flat package and light weight.
◇ Easy assembly.
◇ High quality and low cost.
◇ High reliable and intensity.
◇ Low power requirement.
◇ The product itself will remain within RoHS compliant version.




Similar Part No. - KWM-R30881XBB

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWM-R30881XPGB LUCKY-LIGHT-KWM-R30881XPGB Datasheet
167Kb / 6P
3.0*3.0mm (1.2") 8×8 Pure Green Dot Matrix LED Displays
Sep/08/2007
KWM-R30881XUAB LUCKY-LIGHT-KWM-R30881XUAB Datasheet
111Kb / 6P
3.0*3.0mm (1.2") 8×8 Super Amber Dot Matrix LED Displays
Sep/08/2003
KWM-R30881XUYB LUCKY-LIGHT-KWM-R30881XUYB Datasheet
167Kb / 6P
3.0*3.0mm (1.2") 8×8 Super Yellow Dot Matrix LED Displays
Sep/08/2007
KWM-R30881XWB-Y LUCKY-LIGHT-KWM-R30881XWB-Y Datasheet
85Kb / 6P
3.0*3.0mm (1.2") 8×8 White Dot Matrix LED Displays
May/26/2009
More results


Similar Description - KWM-R30881XBB

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
GMA8475C QT-GMA8475C Datasheet
601Kb / 7P
1.2 5X7 DOT MATRIX DISPLAYS
logo
Everlight Electronics C...
ELM-M2881GWA EVERLIGHT-ELM-M2881GWA Datasheet
232Kb / 5P
2.3inch 8 x 8 Dot Matrix Displays
2004/06/30
ELM-1082SURWA EVERLIGHT-ELM-1082SURWA Datasheet
192Kb / 7P
1.2 inch 5*8 Dot Matrix Displays
ELM-2882SYGWA EVERLIGHT-ELM-2882SYGWA Datasheet
202Kb / 6P
2.3 inch 8*8 Dot Matrix Displays
ELM-2881SYGWA EVERLIGHT-ELM-2881SYGWA Datasheet
203Kb / 6P
2.3 inch 8*8 Dot Matrix Displays
logo
Lucky Light Electronic
KWM-30581 LUCKY-LIGHT-KWM-30581 Datasheet
59Kb / 1P
5 x 8 Dot Matrix (3.0mm Dot) LED Display
KWM-30881 LUCKY-LIGHT-KWM-30881 Datasheet
69Kb / 1P
8 x 8 Dot Matrix (3.0mm Dot) LED Display
KWM-30881XY LUCKY-LIGHT-KWM-30881XY Datasheet
91Kb / 1P
8 x 8 Dot Matrix (3.0mm Dot) Multi-Color LED Display
logo
Everlight Electronics C...
ELM-2881UYWA-S530-A3 EVERLIGHT-ELM-2881UYWA-S530-A3 Datasheet
238Kb / 5P
2.3" 8*8 Dot Matrix Displays
2005/01/07
ELM-2882SYGWAS530-E2 EVERLIGHT-ELM-2882SYGWAS530-E2 Datasheet
231Kb / 7P
2.3" 8*8 Dot Matrix Displays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com