Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5371 Datasheet (PDF) - Analog Devices

ADL5371 Datasheet PDF - Analog Devices
Part # ADL5371
Download  ADL5371 Download
File Size   2159.28 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MHz to 6 GHz Broadband Quadrature Modulator

ADL5371 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5371 Datasheet PDF - Analog Devices

Part # ADL5371
Download  ADL5371 Click to download

File Size   2159.28 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MHz to 6 GHz Broadband Quadrature Modulator

ADL5371 Datasheet (HTML) - Analog Devices


ADL5371 Product details

GENERAL DESCRIPTION
The ADL5375 is a broadband quadrature modulator designed for operation from 400 MHz to 6 GHz. Its excellent phase accuracy and amplitude balance enable high performance intermediate frequency or direct radio frequency modulation for communication systems.

FEATURES
   Output frequency range: 400 MHz to 6 GHz
   1 dB output compression: ≥9.4 dBm from 450 MHz to 4 GHz
   Output return loss ≤ 12 dB from 450 MHz to 4.5 GHz
   Noise floor: −160 dBm/Hz @ 900 MHz
   Sideband suppression: ≤−50 dBc @ 900 MHz
   Carrier feedthrough: ≤−40 dBm @ 900 MHz
   IQ3dB bandwidth: ≥ 750 MHz
   Baseband input bias level
     ADL5375-05: 500 mV
     ADL5375-15: 1500 mV
   Single supply: 4.75 V to 5.25 V
   24-lead LFCSP_VQ package

APPLICATIONS
   Cellular communication systems
     GSM/EDGE, CDMA2000, W-CDMA, TD-SCDMA
   WiMAX/LT E broadband wireless access systems
   Satellite modems




Similar Part No. - ADL5371

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5371 AD-ADL5371 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
ADL5371 AD-ADL5371 Datasheet
209Kb / 8P
Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5371 AD-ADL5371 Datasheet
129Kb / 2P
Interfacing the ADL5371 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
More results


Similar Description - ADL5371

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
400 MHz to 6 GHz Quadrature Demodulator
REV. 0
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
50-MHz TO 6-GHz QUADRATURE MODULATOR
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
300-MHz to 4-GHz Quadrature Modulator
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
logo
Texas Instruments
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
300-MHz to 4-GHz Quadrature Modulator
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
300-MHz to 4-GHz Quadrature Modulator
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
50-MHz to 6-GHz Quadrature Modulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com