Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08100 Datasheet (PDF) - Texas Instruments

ADC08100 Datasheet PDF - Texas Instruments
Part # ADC08100
Download  ADC08100 Download
File Size   919.89 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter

ADC08100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC08100 Datasheet PDF - Texas Instruments

Part # ADC08100
Download  ADC08100 Click to download

File Size   919.89 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter

ADC08100 Datasheet (HTML) - Texas Instruments


ADC08100 Product details

1FEATURES
2• Single-ended Input
• Internal Sample-and-hold Function
• Low Voltage (Single +3V) Operation
• Small Package
• Power-down Feature

APPLICATIONS
• Flat Panel Displays
• Projection Systems
• Set-top Boxes
• Battery-powered Instruments
• Communications
• Medical Scan Converters
• X-ray Imaging
• High Speed Viterbi Decoders
• Astronomy

KEY SPECIFICATIONS
• Resolution 8 bits
• Maximum Sampling Frequency 100 Msps (Min)
• DNL 0.4 LSB (Typ)
• ENOB 7.4 Bits (Typ) at fIN = 41 MHz
• THD –60 dB (Typ)
• Power Consumption
– Operating 1.3 mW/Msps (Typ)
– Power Down: 1 mW (Typ)

DESCRIPTION
The ADC08100 is a low-power, 8-bit, monolithic
analog-to-digital converter with an on-chip track-and-
hold circuit. Optimized for low cost, low power, small
size and ease of use, this product operates at
conversion rates of 20 Msps to 100 Msps with
outstanding dynamic performance over its full operating range while consuming just 1.3 mW per
MHz of clock frequency. That's just 130 mW of power
at 100 Msps. Raising the PD pin puts the ADC08100
into a Power Down mode where it consumes just 1
mW.
The unique architecture achieves 7.4 Effective Bits
with 41 MHz input frequency. The excellent DC and AC characteristics of this device, together with its low
power consumption and single +3V supply operation,
make it ideally suited for many imaging and
communications applications, including use in
portable equipment. Furthermore, the ADC08100 is
resistant to latch-up and the outputs are short-circuit
proof. The top and bottom of the ADC08100's
reference ladder are available for connections,
enabling a wide range of input possibilities. The
digital outputs are TTL/CMOS compatible with a
separate output power supply pin to support
interfacing with 3V or 2.5V logic. The digital inputs
(CLK and PD) are TTL/CMOS compatible. The output
format is straight binary
The ADC08100 is offered in a 24-lead plastic
package (TSSOP) and is specified over the industrial
temperature range of −40°C to +85°C.




Similar Part No. - ADC08100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100 Datasheet
438Kb / 20P
8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100 TI1-ADC08100 Datasheet
1Mb / 28P
ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08100 TI2-ADC08100 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Similar Description - ADC08100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV.B
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100 TI1-ADC08100_14 Datasheet
1Mb / 28P
ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
Analog Devices
AD775 AD-AD775_15 Datasheet
336Kb / 12P
8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com