Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08500 Datasheet (PDF) - Texas Instruments

ADC08500 Datasheet PDF - Texas Instruments
Part # ADC08500
Download  ADC08500 Download
File Size   925.6 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter

ADC08500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC08500 Datasheet PDF - Texas Instruments

Part # ADC08500
Download  ADC08500 Click to download

File Size   925.6 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter

ADC08500 Datasheet (HTML) - Texas Instruments


ADC08500 Product details

1FEATURES
2• Internal Sample-and-Hold
• Single +1.9V ±0.1V Operation
• Choice of SDR or DDR Output Clocking
• Multiple ADC Synchronization Capability
• Ensured No Missing Codes
• Serial Interface for Extended Control
• Fine Adjustment of Input Full-Scale Range and
Offset self•
Duty Cycle Corrected Sample Clock

APPLICATIONS
• Direct RF Down Conversion
• Digital Oscilloscopes
• Satellite Set-top Boxes
• Communications Systems
• Test Instrumentation

KEY SPECIFICATIONS
• Resolution 8 Bits
• Max Conversion Rate 500 MSPS (min)
• Bit Error Rate 10-18 (typ)
• ENOB @ 250 MHz Input 7.5 Bits (typ)
• DNL ±0.15 LSB (typ)
• Power Consumption
– Operating 0.8 W (typ)
– Power Down Mode 3.5 mW (typ)

DESCRIPTION
The ADC08500 is a low power, high performance
CMOS analog-to-digital converter that digitizes
signals to 8 bits resolution at sampling rates up to
500 MSPS. Consuming a typical 0.8 Watts at 500
MSPS from a single 1.9 Volt supply, this device is
ensured to have no missing codes over the full operating temperature range. The unique folding and
interpolating architecture, the fully differential
comparator design, the innovative design of the
internal sample-and-hold amplifier and the self•
calibration scheme enable a very flat response of all dynamic parameters beyond Nyquist, producing a
high 7.5 ENOB with a 250 MHz input signal and a
500 MHz sample rate while providing a 10-18 B.E.R.
Output formatting is offset binary and the LVDS
digital outputs are compatible with IEEE 1596.3-1996, with the exception of an adjustable common mode
voltage between 0.8V and 1.2V.
The converter has a 1:2 demultiplexer that feeds two
LVDS buses and reduces the output data rate on
each bus to half the sampling rate.
The converter typically consumes less than 3.5 mW
in the Power Down Mode and is available in a 128-
lead, thermally enhanced exposed pad HLQFP and
operates over the Industrial (-40°C ≤ TA ≤ +85°C)
temperature range.




Similar Part No. - ADC08500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
997Kb / 34P
High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08500 TI1-ADC08500 Datasheet
856Kb / 46P
ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 TI1-ADC08500 Datasheet
858Kb / 46P
High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 TI2-ADC08500 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
More results


Similar Description - ADC08500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08500 TI1-ADC08500_14 Datasheet
856Kb / 46P
ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 TI1-ADC08500 Datasheet
858Kb / 46P
High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com