Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC122S021 Datasheet (PDF) - Texas Instruments

ADC122S021 Datasheet PDF - Texas Instruments
Part # ADC122S021
Download  ADC122S021 Download
File Size   909.72 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC082S051 2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter

ADC122S021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC122S021 Datasheet PDF - Texas Instruments

Part # ADC122S021
Download  ADC122S021 Click to download

File Size   909.72 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC082S051 2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter

ADC122S021 Datasheet (HTML) - Texas Instruments


ADC122S021 Product details

1FEATURES
2• Specified Over a Range of Sample Rates
• Two Input Channels
• Variable Power Management
• Single Power Supply with 2.7V - 5.25V Range

KEY SPECIFICATIONS
• DNL: ±0.09 LSB (Typ)
• INL: + 0.12/−0.062 LSB (Typ)
• SNR: 49.5 dB (Typ)
• Power Consumption:
– 3V Supply: 2.2 mW (Typ)
– 5V Supply 7.1 mW (Typ)

APPLICATIONS
• Portable Systems
• Remote Data Acquisition
• Instrumentation and Control Systems

DESCRIPTION
The ADC082S051 is a low-power, two-channel
CMOS 8-bit analog-to-digital converter with a high-
speed serial interface. Unlike the conventional
practice of specifying performance at a single sample
rate only, the ADC082S051 is fully specified over a
sample rate range of 200 ksps to 500 ksps. The
converter is based on a successive-approximation
register architecture with an internal track-and-hold
circuit. It can be configured to accept one or two input
signals at inputs IN1 and IN2.
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP serial interfaces.
The ADC082S051 operates with a single supply that
can range from +2.7V to +5.25V. Normal power consumption using a +3V or +5V supply is 2.2 mW
and 7.1 mW, respectively. The power-down feature
reduces the power consumption to just 0.12 μW using
a +3V supply, or 0.35 μW using a +5V supply.
The ADC082S051 is packaged in an 8-lead VSSOP
package. Operation over the industrial temperature
range of −40°C to +85°C is ensured.




Similar Part No. - ADC122S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC122S021 NSC-ADC122S021 Datasheet
941Kb / 19P
2 Channel, 1 MSPS 12-Bit A/D Converter
ADC122S021 NSC-ADC122S021 Datasheet
905Kb / 19P
2 Channel, 200 KSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021 TI-ADC122S021 Datasheet
1Mb / 25P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC122S021 TI1-ADC122S021 Datasheet
1Mb / 27P
ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021 Datasheet
1Mb / 28P
ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Similar Description - ADC122S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com