Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC122S021 Datasheet (PDF) - Texas Instruments

ADC122S021 Datasheet PDF - Texas Instruments
Part # ADC122S021
Download  ADC122S021 Download
File Size   913.69 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter

ADC122S021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC122S021 Datasheet PDF - Texas Instruments

Part # ADC122S021
Download  ADC122S021 Click to download

File Size   913.69 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter

ADC122S021 Datasheet (HTML) - Texas Instruments


ADC122S021 Product details

1FEATURES
2• Specified Over a Range of Sample Rates.
• Two Input Channels
• Variable Power Management
• Single Power Supply with 2.7V - 5.25V Range

KEY SPECIFICATIONS
• DNL: ±0.04 LSB (typ)
• INL: ±0.04 LSB (typ)
• SNR: 49.6 dB (typ)
• Power Consumption:
– 3V Supply 1.6 mW (typ)
– 5V Supply 5.8 mW (typ)

APPLICATIONS
• Portable Systems
• Remote Data Acquisition
• Instrumentation and Control Systems

DESCRIPTION
The ADC082S021 is a low-power, two-channel
CMOS 8-bit analog-to-digital converter with a high-
speed serial interface. Unlike the conventional
practice of specifying performance at a single sample
rate only, the ADC082S021 is fully specified over a
sample rate range of 50 ksps to 200 ksps. The
converter is based upon a successive-approximation
register architecture with an internal track-and-hold
circuit. It can be configured to accept one or two input
signals at inputs IN1 and IN2.
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP serial interfaces.
The ADC082S021 operates with a single supply that
can range from +2.7V to +5.25V. Normal power consumption using a +3V or +5V supply is 1.6 mW
and 5.8 mW, respectively. The power-down feature
reduces the power consumption to just 0.12 μW using
a +3V supply, or 0.35 μW using a +5V supply.
The ADC082S021 is packaged in an 8-lead VSSOP
package. Operation over the industrial temperature
range of −40°C to +85°C.




Similar Part No. - ADC122S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC122S021 NSC-ADC122S021 Datasheet
941Kb / 19P
2 Channel, 1 MSPS 12-Bit A/D Converter
ADC122S021 NSC-ADC122S021 Datasheet
905Kb / 19P
2 Channel, 200 KSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021 TI-ADC122S021 Datasheet
1Mb / 25P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC122S021 TI1-ADC122S021 Datasheet
1Mb / 27P
ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021 Datasheet
1Mb / 28P
ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Similar Description - ADC122S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com