Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08L060 Datasheet (PDF) - Texas Instruments

ADC08L060 Datasheet PDF - Texas Instruments
Part # ADC08L060
Download  ADC08L060 Download
File Size   922.16 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08L060 8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold

ADC08L060 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC08L060 Datasheet PDF - Texas Instruments

Part # ADC08L060
Download  ADC08L060 Click to download

File Size   922.16 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08L060 8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold

ADC08L060 Datasheet (HTML) - Texas Instruments


ADC08L060 Product details

1FEATURES
2• Single-ended input
• Internal sample-and-hold function
• Low voltage (single +3V) operation
• Small package
• Power-down feature

KEY SPECIFICATIONS
• Resolution 8 bits
• Conversion rate 60 MSPS
• DNL ±0.25 LSB (typ)
• INL +0.5/−0.2 LSB (typ)
• SNR (10.1 MHz) 48 dB (typ)
• ENOB (10.1 MHz) 7.6 bits (typ)
• THD (10.1 MHz) −57 dB (typ)
• Latency 5 Clock Cycles
• No missing codes Ensured
• Power Consumption
– Operating 0.65 mW/MSPS (typ)
– Power Down Mode 1.0 mW (typ)

APPLICATIONS
• Digital Imaging
• Set-top boxes
• Portable Instrumentation
• Communication Systems
• X-ray imaging
• Viterbi decoders

DESCRIPTION
The ADC08L060 is a low-power, 8-bit, monolithic
analog-to-digital converter with an on-chip track-and-
hold circuit. Optimized for low cost, low power, small
size and ease of use, this product operates at
conversion rates of 10 MSPS to 60 MSPS while
consuming just 0.65 mW per MHz of clock frequency, or 39 mW at 60 MSPS. Raising the PD pin puts the
ADC08L060 into a Power Down mode where it
consumes about 1 mW.
The unique architecture achieves 7.6 Effective Bits.
The ADC08L060 is resistant to latch-up and the
outputs are short-circuit proof. The top and bottom of
the ADC08L060s reference ladder are available for connections, enabling a wide range of input
possibilities. The digital outputs are TTL/CMOS
compatible with a separate output power supply pin
to support interfacing with 1.8V to 3V logic. The
output coding is straight binary and the digital inputs
(CLK and PD) are TTL/CMOS compatible.
The ADC08L060 is offered in a 24-lead plastic
package (TSSOP) and is specified over the industrial
temperature range of −40°C to +85°C.




Similar Part No. - ADC08L060

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060 Datasheet
454Kb / 20P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060 Datasheet
1Mb / 29P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 TI1-ADC08L060 Datasheet
1Mb / 28P
10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 TI2-ADC08L060 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
More results


Similar Description - ADC08L060

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 TI1-ADC08L060_15 Datasheet
1Mb / 28P
10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com