Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC108S052 Datasheet (PDF) - Texas Instruments

ADC108S052 Datasheet PDF - Texas Instruments
Part # ADC108S052
Download  ADC108S052 Download
File Size   803.96 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC108S052 8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter

ADC108S052 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC108S052 Datasheet PDF - Texas Instruments

Part # ADC108S052
Download  ADC108S052 Click to download

File Size   803.96 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC108S052 8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter

ADC108S052 Datasheet (HTML) - Texas Instruments


ADC108S052 Product details

1FEATURES
23• Eight Input Channels
• Variable Power Management
• Independent Analog and Digital Supplies successive•
SPI™/ QSPI™/MICROWIRE/DSP Compatible
• Packaged in 16-Lead TSSOP

KEY SPECIFICATIONS
• Conversion Rate: 200 ksps to 500 ksps
• DNL (VA = VD = 2.7V to 5.0V): ±0.4 LSB (max)
• INL (VA = VD = 2.7V to 5.0V): ±0.4 LSB (max)
• Power Consumption:
– 3V Supply: 1.5 mW (typ)
– 5V Supply: 7.5 mW (typ)

APPLICATIONS
• Automotive Navigation
• Portable Systems
• Medical Instruments
• Mobile Communications
• Instrumentation and Control Systems

DESCRIPTION
The ADC108S052 is a low-power, eight-channel
CMOS 10-bit analog-to-digital converter specified for
conversion throughput rates of 200 ksps to 500 ksps.
The converter is based on a successive•
approximation register architecture with an internal
track-and-hold circuit. It can be configured to accept up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
serial interfaces.
The ADC108S052 may be operated with independent
analog and digital supplies. The analog supply (VA)
can range from +2.7V to +5.25V, and the digital
supply (VD) can range from +2.7V to VA. Normal
power consumption using a +3V or +5V supply is 1.5
mW and 7.5 mW, respectively. The power-down
feature reduces the power consumption to 0.09 μW
using a +3V supply and 0.30 μW using a +5V supply.
The ADC108S052 is packaged in a 16-lead TSSOP
package. Operation over the extended industrial
temperature range of −40°C to +105°C is ensured.




Similar Part No. - ADC108S052

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052CIMT NSC-ADC108S052CIMT Datasheet
839Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S052CIMT/NOPB TI1-ADC108S052CIMT/NOPB Datasheet
1Mb / 27P
8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052CIMTX NSC-ADC108S052CIMTX Datasheet
839Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
More results


Similar Description - ADC108S052

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com