Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC082S101 Datasheet (PDF) - Texas Instruments

ADC082S101 Datasheet PDF - Texas Instruments
Part # ADC082S101
Download  ADC082S101 Download
File Size   909.72 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC082S051 2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter

ADC082S101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC082S101 Datasheet PDF - Texas Instruments

Part # ADC082S101
Download  ADC082S101 Click to download

File Size   909.72 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC082S051 2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter

ADC082S101 Datasheet (HTML) - Texas Instruments


ADC082S101 Product details

1FEATURES
2• Specified Over a Range of Sample Rates
• Two Input Channels
• Variable Power Management
• Single Power Supply with 2.7V - 5.25V Range

KEY SPECIFICATIONS
• DNL: ±0.09 LSB (Typ)
• INL: + 0.12/−0.062 LSB (Typ)
• SNR: 49.5 dB (Typ)
• Power Consumption:
– 3V Supply: 2.2 mW (Typ)
– 5V Supply 7.1 mW (Typ)

APPLICATIONS
• Portable Systems
• Remote Data Acquisition
• Instrumentation and Control Systems

DESCRIPTION
The ADC082S051 is a low-power, two-channel
CMOS 8-bit analog-to-digital converter with a high-
speed serial interface. Unlike the conventional
practice of specifying performance at a single sample
rate only, the ADC082S051 is fully specified over a
sample rate range of 200 ksps to 500 ksps. The
converter is based on a successive-approximation
register architecture with an internal track-and-hold
circuit. It can be configured to accept one or two input
signals at inputs IN1 and IN2.
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP serial interfaces.
The ADC082S051 operates with a single supply that
can range from +2.7V to +5.25V. Normal power consumption using a +3V or +5V supply is 2.2 mW
and 7.1 mW, respectively. The power-down feature
reduces the power consumption to just 0.12 μW using
a +3V supply, or 0.35 μW using a +5V supply.
The ADC082S051 is packaged in an 8-lead VSSOP
package. Operation over the industrial temperature
range of −40°C to +85°C is ensured.




Similar Part No. - ADC082S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
941Kb / 19P
2 Channel, 1 MSPS 12-Bit A/D Converter
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC082S101 TI-ADC082S101 Datasheet
1Mb / 25P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC082S101 TI1-ADC082S101 Datasheet
1Mb / 25P
2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC082S101 TI1-ADC082S101 Datasheet
1Mb / 28P
ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Similar Description - ADC082S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com